Electronic Components Datasheet Search
  English  ▼

X  

MSP3400D Datasheet(PDF) 5 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 5 Page - Micronas

  MSP3400D Datasheet HTML 1Page - Micronas MSP3400D Datasheet HTML 2Page - Micronas MSP3400D Datasheet HTML 3Page - Micronas MSP3400D Datasheet HTML 4Page - Micronas MSP3400D Datasheet HTML 5Page - Micronas MSP3400D Datasheet HTML 6Page - Micronas MSP3400D Datasheet HTML 7Page - Micronas MSP3400D Datasheet HTML 8Page - Micronas MSP3400D Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
5
Multistandard Sound Processors
Release Notes: The hardware description in this
document is valid for the MSP 34x0D version B3
and following versions. Revision bars indicate sig-
nificant changes to the previous edition.
1. Introduction
The MSP 34x0D is designed as a single-chip Multi-
standard Sound Processor for applications in analog
and digital TV sets, satellite receivers, video recorders,
and PC cards.
The MSP 34x0D, again, improves function integration:
The full TV sound processing, starting with analog
sound IF signal-in, down to processed analog AF-out, is
performed in a single chip. It covers all European
TV standards (some examples are shown in Table 3–1).
The MSP 3400D is fully pin and software-compatible
to the MSP 3410D, but is not able to decode NICAM. It
is also compatible to the MSP 3400C.
The IC is produced in submicron CMOS technology,
combined with high-performance digital signal pro-
cessing. The MSP 34x0D is available in the following
packages: PLCC68, PSDIP64, PSDIP52, PQFP80,
and PLQFP64.
Note: The MSP 3410D version is fully downward-com-
patible to the MSP 3410B, the MSP 3400B, and the
MSP 3400C. To achieve full software-compatibility with
these types, the demodulator part must be programmed
as described in the data sheet of the MSP 3410B.
1.1. Common Features of MSP 34x0D
– AVC: Automatic Volume Correction
– Subwoofer Output
– 5-band graphic equalizer (as in MSP 3400C)
– Enhanced spatial effect (pseudostereo/basewidth
enlargement as in MSP 3400C)
– headphone channel with balance, bass, treble, loud-
ness
– balance for loudspeaker and headphone channels
in dB units (optional)
– D/A converters for SCART2 out
– improved oversampling filters (as in MSP 3400C)
– Four SCART inputs
– Full SCART in/out matrix without restrictions
– SCART volume in dB units (optional)
– Additional I2S input (as in MSP 3400C)
– New FM identification (as in MSP 3400C)
– Demodulator short programming
– Autodetection for terrestrial TV sound standards
– Improved carrier mute algorithm
– Improved AM demodulation
– ADR together with DRP 3510A
– Dolby Pro Logic together with DPL 351xA
– Reduction of necessary controlling
– Less external components
– Significant reduction of radiation
1.2. Specific Features of MSP 3410D
– All NICAM standards
– Precise bit-error rate indication
– Automatic switching from NICAM to FM/AM or vice-
versa
– Improved NICAM synchronization algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com