Electronic Components Datasheet Search
  English  ▼

X  

MSP3400D Datasheet(PDF) 20 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 20 Page - Micronas

Back Button MSP3400D Datasheet HTML 16Page - Micronas MSP3400D Datasheet HTML 17Page - Micronas MSP3400D Datasheet HTML 18Page - Micronas MSP3400D Datasheet HTML 19Page - Micronas MSP3400D Datasheet HTML 20Page - Micronas MSP3400D Datasheet HTML 21Page - Micronas MSP3400D Datasheet HTML 22Page - Micronas MSP3400D Datasheet HTML 23Page - Micronas MSP3400D Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
20
Micronas
5.3. Start-Up Sequence: Power-Up and I2C-Controlling
After power-on or RESET (see Fig. 5–3), the IC is in
an inactive state. The CCU has to transmit the
required coefficient set for a given operation via the
I2C bus. Initialization should start with the demodulator
part. If required for any reason, the audio processing
part can be loaded before the demodulator part.
Fig. 5–3: Power-up sequence
4.5 V
Internal
Reset
t/ms
Power-Up Reset: Threshold and Timing
Reset Delay
Low-to-High
Threshold
High-to-Low
Threshold
>2 ms
RESETQ
AVSUP
0.7
×DVSUP
0.45...0.55
×DVSUP
(Note: 0.7
×DVSUP means 3.5 Volt with DVSUP=5.0 Volt)
High
Low
t/ms
t/ms
DVSUP
Note: The reset should
not reach high level be-
fore the oscillator has
started. This requires a
reset delay of >2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com