Electronic Components Datasheet Search
  English  ▼

X  

MSP3400D Datasheet(PDF) 9 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 9 Page - Micronas

Back Button MSP3400D Datasheet HTML 5Page - Micronas MSP3400D Datasheet HTML 6Page - Micronas MSP3400D Datasheet HTML 7Page - Micronas MSP3400D Datasheet HTML 8Page - Micronas MSP3400D Datasheet HTML 9Page - Micronas MSP3400D Datasheet HTML 10Page - Micronas MSP3400D Datasheet HTML 11Page - Micronas MSP3400D Datasheet HTML 12Page - Micronas MSP3400D Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
9
Fig. 3–1: Typical MSP 34x0D application
Table 3–4: Key parameters for B/G, D/K, and M 2-carrier sound system
Sound Carriers
Carrier FM1
Carrier FM2
B/G
D/K
M
B/G
D/K
M
Vision/sound power ratio
13 dB
20 dB
Sound bandwidth
40 Hz to 15 kHz
Preemphasis
50
µs75 µs50 µs75 µs
Frequency deviation
±50 kHz
±25 kHz
±50 kHz
±25 kHz
Sound Signal Components
Mono transmission
mono
mono
Stereo transmission
(L+R)/2
(L+R)/2
R
(L
−R)/2
Dual-sound transmission
language A
language B
Identification of Transmission Mode on Carrier FM2
Pilot carrier frequency in kHz
54.6875
55.0699
Type of modulation
AM
Modulation depth
50 %
Modulation frequency
mono:
unmodulated
stereo: 117.5 Hz
dual:
274.1 Hz
149.9 Hz
276.0 Hz
33
34
39 MHz
59 MHz
According to the mixing characteristics
of the sound IF mixer, the sound IF
filter may be omitted.
Loudspeaker
Subwoofer
Headphone
SCART
Outputs
2
2
SCART2
SCART1
MSP 34x0D
I2S2
ADR
I2S1
ADR
Decoder
DRP3510A
Dolby
Pro Logic
Processor
DPL35xxA
2
2
2
2
SCART1
SCART2
SCART3
SCART4
1
Mono
SAW Filter
Sound IF Filter
Sound
IF
Mixer
Vision
Demo-
dulator
Tuner
SCART
Inputs
Composite
Video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com