Electronic Components Datasheet Search
  English  ▼

X  

MSP3400D Datasheet(PDF) 79 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 79 Page - Micronas

Back Button MSP3400D Datasheet HTML 75Page - Micronas MSP3400D Datasheet HTML 76Page - Micronas MSP3400D Datasheet HTML 77Page - Micronas MSP3400D Datasheet HTML 78Page - Micronas MSP3400D Datasheet HTML 79Page - Micronas MSP3400D Datasheet HTML 80Page - Micronas MSP3400D Datasheet HTML 81Page - Micronas MSP3400D Datasheet HTML 82Page - Micronas MSP3400D Datasheet HTML 83Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
79
11. Appendix A: MSP 34x0D Version History
A1
First hardware release, which is completely compatible
to MSP 3410B.
A2
Hardware as A1 with additional features:
– Automatic NICAM-FM switching
– Demodulator Short Programming
– Automatic Standard Detection
B3
Hardware as A2 with additional features:
– Automatic Volume Correction (AVC)
– Subwoofer Output
– improved Automatic Standard Detection
– extended Short Programming Mode
– automatic reset and selection of identification for
Demodulator Short Programming
B4
Hardware and firmware as B3:
– Carrier Mute Function not recommended in High-
Deviation Mode
C5
– additional package PLQFP64
– digital input specification changed as of version C5
and later (see section 9.5. on page 66)
– max. analog high supply voltage AHVSUP 8.7 V
– supply currents changed as of version C5 and later
(see section 9.5.3. on page 71)
– Pin ASG3 no longer supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com