Electronic Components Datasheet Search
  English  ▼

X  

MSP3400D Datasheet(PDF) 78 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 78 Page - Micronas

Back Button MSP3400D Datasheet HTML 74Page - Micronas MSP3400D Datasheet HTML 75Page - Micronas MSP3400D Datasheet HTML 76Page - Micronas MSP3400D Datasheet HTML 77Page - Micronas MSP3400D Datasheet HTML 78Page - Micronas MSP3400D Datasheet HTML 79Page - Micronas MSP3400D Datasheet HTML 80Page - Micronas MSP3400D Datasheet HTML 81Page - Micronas MSP3400D Datasheet HTML 82Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
78
Micronas
Note: Pin numbers refer to the PLCC68 package; numbers in brackets refer to the PSDIP64 package.
*Application Note:
All ground pins should be connected to one low-resis-
tive ground plane.
All supply pins should be connected separately with
short and low-resistive lines to the power supply.
Decoupling capacitors from DVSUP to DVSS, AVSUP
to AVSS, and AHVSUP to AHVSS are recommended
as closely as possible to these pins. Decoupling of
DVSUP and DVSS is most important. We recommend
using more than one capacitor. By choosing different
values, the frequency range of active decoupling can
be extended. In our application boards we use: 220 pF,
470 pF, 1.5 nF, and 10
µF. The capacitor with the low-
est value should be placed nearest to the DVSUP and
DVSS pins.
The ASG pins should be connected as closely as pos-
sible to the MSP to ground. If they are lead with the
SCART input lines as shielding line, they should NOT
be connected to ground at the SCART connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com