Electronic Components Datasheet Search
  English  ▼

X  

ADPD103 Datasheet(PDF) 52 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 45Page - Analog Devices ADPD103 Datasheet HTML 46Page - Analog Devices ADPD103 Datasheet HTML 47Page - Analog Devices ADPD103 Datasheet HTML 48Page - Analog Devices ADPD103 Datasheet HTML 49Page - Analog Devices ADPD103 Datasheet HTML 50Page - Analog Devices ADPD103 Datasheet HTML 51Page - Analog Devices ADPD103 Datasheet HTML 52Page - Analog Devices ADPD103 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 51 of 52
DATA REGISTERS
Table 26. Data Registers
Address
Data
Bits
Access Name
Description
0x60
[15:0]
R
FIFO_DATA
Next available word in FIFO. Prior to reading this register, set the FIFO_ACCESS_ENAbit
to 0x1 twice with two consecutive write operations to enable FIFO access (Register 0x5F,
Bit 0). Reset this bit to 0 when the FIFO access sequence is complete.
0x64
[15:0]
R
SLOTA_CH1_16BIT
16-bit value of Channel1 in Time Slot A.
0x65
[15:0]
R
SLOTA_CH2_16BIT
16-bit value of Channel 2 in Time Slot A.
0x66
[15:0]
R
SLOTA_CH3_16BIT
16-bit value of Channel 3 in Time Slot A.
0x67
[15:0]
R
SLOTA_ CH4_16BIT
16-bit value of Channel 4 in Time Slot A.
0x68
[15:0]
R
SLOTB_ CH1_16BIT
16-bit value of Channel 1 in Time Slot B.
0x69
[15:0]
R
SLOTB_CH2_16BIT
16-bit value of Channel 2 in Time Slot B.
0x6A
[15:0]
R
SLOTB_CH3_16BIT
16-bit value of Channel 3 in Time Slot B.
0x6B
[15:0]
R
SLOTB_CH4_16BIT
16-bit value of Channel 4 in Time Slot B.
0x70
[15:0]
R
SLOTA_CH1_LOW
Low data-word for Channel 1 in Time Slot A.
0x71
[15:0]
R
SLOTA_CH2_LOW
Low data-word for Channel 2 in Time Slot A.
0x72
[15:0]
R
SLOTA_CH3_LOW
Low data-word for Channel 3 in Time Slot A.
0x73
[15:0]
R
SLOTA_CH4_LOW
Low data-word for Channel 4 in Time Slot A.
0x74
[15:0]
R
SLOTA_CH1_HIGH
High data-word for Channel 1 in Time Slot A.
0x75
[15:0]
R
SLOTA_CH2_HIGH
High data-word for Channel 2 in Time Slot A.
0x76
[15:0]
R
SLOTA_CH3_HIGH
High data-word for Channel 3 in Time Slot A.
0x77
[15:0]
R
SLOTA_CH4_HIGH
High data-word for Channel 4 in Time Slot A.
0x78
[15:0]
R
SLOTB_CH1_LOW
Low data-word for Channel 1 in Time Slot B.
0x79
[15:0]
R
SLOTB_CH2_LOW
Low data-word for Channel 2 in Time Slot B.
0x7A
[15:0]
R
SLOTB_CH3_LOW
Low data-word for Channel 3 in Time Slot B.
0x7B
[15:0]
R
SLOTB_CH4_LOW
Low data-word for Channel 4 in Time Slot B.
0x7C
[15:0]
R
SLOTB_CH1_HIGH
High data-word for Channel 1 in Time Slot B.
0x7D
[15:0]
R
SLOTB_CH2_HIGH
High data-word for Channel 2 in Time Slot B.
0x7E
[15:0]
R
SLOTB_CH3_HIGH
High data-word for Channel 3 in Time Slot B.
0x7F
[15:0]
R
SLOTB_CH4_HIGH
High data-word for Channel 4 in Time Slot B.
Table 27. Required Start-Up Load Sequence
Step Number
Address
Comment
1
0x4B, Bit 7
Write to 0x1 to enable the clock that drives the state machine.
2
0x10
Write 0x0001 to enter program mode.
3
Other registers
Register order is not important while the device is in program mode.
4
0x10
Write 0x0002 to start normal sampling operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com