Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2103YML Datasheet HTML 4Page - Micrel Semiconductor MIC2103YML Datasheet HTML 5Page - Micrel Semiconductor MIC2103YML Datasheet HTML 6Page - Micrel Semiconductor MIC2103YML Datasheet HTML 7Page - Micrel Semiconductor MIC2103YML Datasheet HTML 8Page - Micrel Semiconductor MIC2103YML Datasheet HTML 9Page - Micrel Semiconductor MIC2103YML Datasheet HTML 10Page - Micrel Semiconductor MIC2103YML Datasheet HTML 11Page - Micrel Semiconductor MIC2103YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
8
Revision 2.0
Typical Characteristics (Continued)
Line Regulation
vs. Output Current (MIC2103)
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
VIN = 12V to 75V
VOUT = 5.0V
Efficiency (VIN =12V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)
Efficiency (VIN = 18V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)
Efficiency (VIN = 24V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)
Efficiency (VIN = 38V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)
Efficiency (VIN = 48V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)
Efficiency (VIN = 75V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com