Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2103YML Datasheet HTML 1Page - Micrel Semiconductor MIC2103YML Datasheet HTML 2Page - Micrel Semiconductor MIC2103YML Datasheet HTML 3Page - Micrel Semiconductor MIC2103YML Datasheet HTML 4Page - Micrel Semiconductor MIC2103YML Datasheet HTML 5Page - Micrel Semiconductor MIC2103YML Datasheet HTML 6Page - Micrel Semiconductor MIC2103YML Datasheet HTML 7Page - Micrel Semiconductor MIC2103YML Datasheet HTML 8Page - Micrel Semiconductor MIC2103YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
MIC2103/04
75V, Synchronous Buck Controllers
featuring Adaptive On-Time Control
Hyper Speed Control™ Family
Hyper Speed Control, Hyper Light Load, and Any Capacitor are trademarks of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 26, 2013
Revision 2.0
General Description
The
Micrel
MIC2103/04
are
constant-frequency,
synchronous buck controllers featuring a unique adaptive
ON-time control architecture. The MIC2103/04 operates
over an input supply range from 4.5V to 75V and can be
used to supply up to 15A of output current. The output
voltage is adjustable down to 0.8V with a guaranteed
accuracy of ±1%. The device operates with programmable
switching frequency from 200kHz to 600kHz.
Micrel’s Hyper Light Load
® architecture provides the same
high-efficiency and ultra fast transient response as the Hyper
Speed Control architecture under the medium to heavy loads,
but also maintains high efficiency under light load conditions
by transitioning to variable frequency, discontinuous-mode
operation.
The MIC2103/04 offers a full suite of protection features to
ensure protection of the IC during fault conditions. These
include under-voltage lockout to ensure proper operation
under power-sag conditions, internal soft-start to reduce
inrush current, fold-back current limit, “hiccup” mode short-
circuit protection and thermal shutdown.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
•
Hyper Speed Control™ architecture enables
-
High delta V operation (VIN = 75V and VOUT = 1.2V)
-
Any Capacitor™ stable
•
4.5V to 75V input voltage
•
Adjustable output voltage from 0.8 V to 24V (also
limited by duty cycle)
•
200kHz to 600kHz, programmable switching frequency
•
Hyper Light Load Control (MIC2103 only)
•
Hyper Speed Control (MIC2104 only)
•
Enable input, Power-Good output
•
Built-in 5V regulator for single-supply operation
•
Programmable current limit and fold-back “hiccup”
mode short-circuit protection
•
5ms internal soft-start, internal compensation, and
thermal shutdown
•
Supports safe start-up into a pre-biased output
•
–40
°C to +125°C junction temperature range
•
Available in 16-pin 3mm × 3mm MLF
® package
Applications
•
Distributed power systems
•
Networking/Telecom Infrastructure
•
Printers, scanners, graphic cards and video cards
_________________________________________________________________________________________________________________________
Typical Application
1.91k
95.3k
VOUT
5V/10A
MIC2103/04
0.1µF
VIN
4.5V to 75V
2.2nF
10k
EN
1µF
2.2µF
x3
100µF
6.1µH
0.1µF
BST
DH
SW
DL
PGND
PG
AGND
VDD
PVDD
EN
VIN
FREQ
2.21k
FB
PG
ILIM
1µF
Efficiency (VIN = 48V)
vs. Output Current (MIC2103)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
fSW = 200kHz (CCM)


Similar Part No. - MIC2103YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2103YML MICREL-MIC2103YML Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103YML-TR MICROCHIP-MIC2103YML-TR Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
More results

Similar Description - MIC2103YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2128 MICROCHIP-MIC2128 Datasheet
645Kb / 32P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
06/23/16
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com