Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2103YML Datasheet HTML 7Page - Micrel Semiconductor MIC2103YML Datasheet HTML 8Page - Micrel Semiconductor MIC2103YML Datasheet HTML 9Page - Micrel Semiconductor MIC2103YML Datasheet HTML 10Page - Micrel Semiconductor MIC2103YML Datasheet HTML 11Page - Micrel Semiconductor MIC2103YML Datasheet HTML 12Page - Micrel Semiconductor MIC2103YML Datasheet HTML 13Page - Micrel Semiconductor MIC2103YML Datasheet HTML 14Page - Micrel Semiconductor MIC2103YML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
11
Revision 2.0
Typical Characteristics (Continued)
VIN Shutdown Current
vs. Input Voltage
0
60
120
180
240
300
360
420
480
540
600
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
VEN = 0V
VDD Voltage
vs. Input Voltage
0
2
4
6
8
10
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
IDD = 10mA
IDD = 40mA
VOUT = 5.0V
fSW = 200kHz
Enable Threshold
vs. Input Voltage
0.00
0.30
0.60
0.90
1.20
1.50
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
Hyst
Falling
Rising
Switching Frequency
vs. Input Voltage
100
140
180
220
260
300
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
VOUT = 5.0V
IOUT = 2A
Output Peak Current Limit
vs. Input Voltage
0
5
10
15
20
25
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
VOUT = 5.0V
fSW = 200kHz
Switching Frequency
vs. Output Current
100
150
200
250
300
0
2
4
6
8
10
OUTPUT CURRENT (A)
VIN = 48V
VOUT = 5.0V
-40°C
25°C
125°C
Feedback Voltage
vs. Temperature
0.792
0.796
0.800
0.804
0.808
0.812
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 48V
VOUT = 5.0V
IOUT = 0A
Output Peak Current Limit
vs. Temperature
0
3
6
9
12
15
18
21
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN =48V
VOUT = 5.0V
fSW = 200kHz
VIN Shutdown Current
vs. Temperature
0
80
160
240
320
400
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN =48V
VEN = 0V
IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com