Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC2103YML Datasheet HTML 27Page - Micrel Semiconductor MIC2103YML Datasheet HTML 28Page - Micrel Semiconductor MIC2103YML Datasheet HTML 29Page - Micrel Semiconductor MIC2103YML Datasheet HTML 30Page - Micrel Semiconductor MIC2103YML Datasheet HTML 31Page - Micrel Semiconductor MIC2103YML Datasheet HTML 32Page - Micrel Semiconductor MIC2103YML Datasheet HTML 33Page - Micrel Semiconductor MIC2103YML Datasheet HTML 34Page - Micrel Semiconductor MIC2103YML Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
31
Revision 2.0
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
EEU-FC2A101
Panasonic
(6)
100µF Aluminum Capacitor, 100V
1
C2, C3, C4
GRM32ER72A225K
Murata
(7)
2.2µF/100V Ceramic Capacitor, X7R, Size 1210
3
C3225X7R2A225K
TDK
(8)
12101C225KAT2A
AVX
(9)
C14
GRM32ER60J107ME20L
Murata
100µF/6.3V Ceramic Capacitor, X5R, Size 1210
1
12106D107MAT2A
AVX
C3225X5ROJ107M
TDK
C6, C16
GRM188R71H104KA93D
Murata
0.1µF/50V Ceramic Capacitor, X7R, Size 0603
2
06035C104KAT2A
AVX
C1608X7R1H104K
TDK
C7, C8, C17
GRM188R70J105KA01D
Murata
1µF/6.3V Ceramic Capacitor, X7R, Size 0603
3
06036C105KAT2A
AVX
C1608X5R0J105K
TDK
C9
GRM21BR72A474KA73
Murata
0.47µF/100V Ceramic Capacitor, X7R, Size 0805
1
08051C474KAT2A
AVX
C10
GRM188R72A104KA35D
Murata
0.1µF/100V Ceramic Capacitor, X7R, Size 0603
1
C1608X7S2A104K
TDK
0.1µF/100V,X7S,0603
C11
GRM188R72A102KA01D
Murata
1nF/100V Cermiac Capacitor, X7R, Size 0603
1
06031C102KAT2A
AVX
C1608X7R2A102K
TDK
C12
GRM188R72A222KA01D
Murata
2.2nF/100V Cermiac Capacitor, X7R, Size 0603
1
06031C222KAT2A
AVX
C1608X7R2A222K
TDK
C13
6SEPC470MX
Sanyo
(10)
470µF/6.3V, 7m-ohms, OSCON
1
6SEPC470M
Sanyo
470µF/6.3V, 7m-ohms, OSCON
C15 (OPEN)
6TPB470M
Sanyo
470µF/6.3V, POSCAP
C5 (OPEN)
GRM32ER60J107ME20L
Murata
100µF/6.3V Ceramic Capacitor, X7R, Size 1210
C18
GCM1885C2A100JA16D
Murata
10pF, 100V, 0603, NPO
1
06031A100JAT2A
AVX
D1
BAT46W-TP
MCC
(11)
100V Small Signal Schottky Diode, SOD123
1
L1
CDEP147NP-6R1MC-95
Sumida
(12)
6.1µH Inductor, 14.8A RMS Current
1
Notes:
6.
Panasonic: www.panasonic.com.
7.
Murata: www.murata.com.
8.
TDK: www.tdk.com.
9.
AVX: www.avx.com
10. Sanyo: www.sanyo.com.
11. MCC.: www.mccsemi.com.
12. Sumida: www.sumida.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com