Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC2103YML Datasheet HTML 24Page - Micrel Semiconductor MIC2103YML Datasheet HTML 25Page - Micrel Semiconductor MIC2103YML Datasheet HTML 26Page - Micrel Semiconductor MIC2103YML Datasheet HTML 27Page - Micrel Semiconductor MIC2103YML Datasheet HTML 28Page - Micrel Semiconductor MIC2103YML Datasheet HTML 29Page - Micrel Semiconductor MIC2103YML Datasheet HTML 30Page - Micrel Semiconductor MIC2103YML Datasheet HTML 31Page - Micrel Semiconductor MIC2103YML Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
28
Revision 2.0
If the voltage divider resistors R1 and R2 are in the kΩ
range, then a Cff of 1nF to 100nF can easily satisfy the
large
time
constant
requirements.
Also,
a
100nF
injection capacitor Cinj is used in order to be considered
as short for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1. Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
100nF if R1 and R2 are in kΩ range.
Step 2. Select Rinj according to the expected feedback
voltage ripple using Equation 33:
D)
(1
D
f
V
ΔV
K
SW
IN
FB(pp)
div
−
×
×
×
=
τ
Eq. 33
Then the value of Rinj is obtained as:
1)
K
1
(
(R1//R2)
R
div
inj
−
×
=
Eq. 34
Step 3. Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com