Electronic Components Datasheet Search
  English  ▼

X  

MIC2103YML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC2103YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2103YML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC2103YML Datasheet HTML 23Page - Micrel Semiconductor MIC2103YML Datasheet HTML 24Page - Micrel Semiconductor MIC2103YML Datasheet HTML 25Page - Micrel Semiconductor MIC2103YML Datasheet HTML 26Page - Micrel Semiconductor MIC2103YML Datasheet HTML 27Page - Micrel Semiconductor MIC2103YML Datasheet HTML 28Page - Micrel Semiconductor MIC2103YML Datasheet HTML 29Page - Micrel Semiconductor MIC2103YML Datasheet HTML 30Page - Micrel Semiconductor MIC2103YML Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Micrel, Inc.
MIC2103/04
November 26, 2013
27
Revision 2.0
Ripple Injection
The VFB ripple required for proper operation of the
MIC2103/04 gm amplifier and error comparator is 20mV
to 100mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
For a low output voltage, such as a 1V, the output
voltage ripple is only 10mV to 20mV, and the feedback
voltage ripple is less than 20mV. If the feedback voltage
ripple is so small that the gm amplifier and error
comparator cannot sense it, then the MIC2103/04 will
lose control and the output voltage is not regulated. In
order to have some amount of VFB ripple, a ripple
injection method is applied for low output voltage ripple
applications.
The applications are divided
into
three situations
according to the amount of the feedback voltage ripple:
1.
Enough ripple at the feedback voltage due to the
large ESR of the output capacitors.
As shown in Figure 8a, the converter is stable
without any ripple injection. The feedback voltage
ripple is:
(pp)
L
C
FB(pp)
ΔI
ESR
R2
R1
R2
ΔV
OUT
×
×
+
=
Eq. 28
where
ΔI
L(pp)
is the peak-to-peak value of the
inductor current ripple.
2.
Inadequate ripple at the feedback voltage due to the
small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor Cff in this situation,
as shown in Figure 8b. The typical Cff value is
between 1nF and 100nF. With the feed-forward
capacitor, the feedback voltage ripple is very close
to the output voltage ripple:
(pp)
L
FB(pp)
ΔI
ESR
ΔV
×
≈
Eq. 29
3.
Virtually no ripple at the FB pin voltage due to the
very-low ESR of the output capacitors:
Figure 8a. Enough Ripple at FB
Figure 8b. Inadequate Ripple at FB
Figure 8c. Invisible Ripple at FB
In this situation, the output voltage ripple is less than
20mV. Therefore, additional ripple is injected into the FB
pin from the switching node SW via a resistor Rinj and a
capacitor Cinj, as shown in Figure 8c. The injected ripple
is:
τ
×
×
×
×
×
=
SW
div
IN
FB(pp)
f
1
D)
-
(1
D
K
V
ΔV
Eq. 30
R1//R2
R
R1//R2
K
inj
div
+
=
Eq. 31
where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
τ = (R1//R2//R
inj) × Cff
In Equations 30 and 32, it is assumed that the time
constant associated with Cff must be much greater than
the switching period:
1
T
f
1
SW
<<
=
×
τ
τ
Eq. 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com