Electronic Components Datasheet Search
  English  ▼

X  

PI3749 Datasheet(PDF) 12 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation PI3749 Datasheet HTML 10Page - Vicor Corporation PI3749 Datasheet HTML 11Page - Vicor Corporation PI3749 Datasheet HTML 12Page - Vicor Corporation PI3749 Datasheet HTML 13Page - Vicor Corporation PI3749 Datasheet HTML 14Page - Vicor Corporation PI3749 Datasheet HTML 15Page - Vicor Corporation PI3749 Datasheet HTML 16Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 12 of 26
09/2016
800 927.9474
PI3749-x0
V
OUT (V)
I
OUT
Current Limit
P
OUT
0
20
40
60
80
100
120
140
160
180
200
4
5
6
7
8
9
10
11
12
13
14
12
14
16
18
20
22
24
26
28
30
32
34
Figure 15 — Power and current output at 34VIN
V
OUT (V)
I
OUT
Current Limit
P
OUT
0
50
100
150
200
250
300
6
7
8
9
10
11
12
12
14
16
18
20
22
24
26
28
30
32
34
Figure 16 — Power and current output at 24VIN
V
OUT (V)
I
OUT
Current Limit
P
OUT
0
50
100
150
200
250
5
6
7
8
9
10
12
14
16
18
20
22
24
26
28
30
32
34
Safe Operating Area (SOA)
Figure 17 — Power and current output at VIN less than 24
Safe Operating Area TA = 25°C [7]
V
IN (V)
Efficiency
Power Dissipation
15
20
25
30
35
1
1.5
2
2.5
3
3.5
4
4.5
5
91
92
93
94
95
96
97
98
99
Figure 13 — 24VOUT Efficiency and Power Dissipation at 7A over
input Voltage Range
Figure 12 — 12VOUT Efficiency and Power Dissipation at 7A over
input Voltage Range
Efficiency & Power Loss TA = 25°C [7]
V
IN (V)
Efficiency
Power Dissipation
1.5
2
2.5
3
3.5
4
4.5
95
95.5
96
96.5
97
97.5
98
15
20
25
30
35
V
IN (V)
Efficiency
Power Dissipation
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
96.8
97
97.2
97.4
97.6
97.8
98
98.2
98.4
98.6
15
20
25
30
35
Figure 14 — 28VOUT Efficiency and Power Dissipation at 6A over
input Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com