Electronic Components Datasheet Search
  English  ▼

X  

PI3749 Datasheet(PDF) 24 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 24 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 18Page - Vicor Corporation PI3749 Datasheet HTML 19Page - Vicor Corporation PI3749 Datasheet HTML 20Page - Vicor Corporation PI3749 Datasheet HTML 21Page - Vicor Corporation PI3749 Datasheet HTML 22Page - Vicor Corporation PI3749 Datasheet HTML 23Page - Vicor Corporation PI3749 Datasheet HTML 24Page - Vicor Corporation PI3749 Datasheet HTML 25Page - Vicor Corporation PI3749 Datasheet HTML 26Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 24 of 26
09/2016
800 927.9474
PI3749-x0
PACKAGE PCB FOOTPRINT TOP VIEW
PIN 1A INDEX
D1
E1
1mm
DATUM B
DATUM A
DETAIL B
1mm
Exposed
Copper
Solder Mask
Over Copper
Solder Mask
Over Board
DETAIL A
Thermal Vias
DETAIL B
0.55mm
(SMD)
Package
Outline
0.55mm
(SMD)
0.65mm
(Cu Pad)
0.65mm
(CuPad)
0.35mm
DETAIL A
0.55mm
(SMD)
0.55mm
(SMD)
Package
Outline
0.55mm
(SMD)
0.65mm
(Cu Pad)
0.65mm
(Cu Pad)
≥0.5mm
0.55mm
(SMD)
0.55mm
(SMD)
0.55mm
(SMD)
SMD = Soldermask Defined Pads
≥0.5mm
≥0.5mm
≥0.5mm
Receiving PCB Pattern Design Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com