Electronic Components Datasheet Search
  English  ▼

X  

PI3749 Datasheet(PDF) 18 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 18 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 14Page - Vicor Corporation PI3749 Datasheet HTML 15Page - Vicor Corporation PI3749 Datasheet HTML 16Page - Vicor Corporation PI3749 Datasheet HTML 17Page - Vicor Corporation PI3749 Datasheet HTML 18Page - Vicor Corporation PI3749 Datasheet HTML 19Page - Vicor Corporation PI3749 Datasheet HTML 20Page - Vicor Corporation PI3749 Datasheet HTML 21Page - Vicor Corporation PI3749 Datasheet HTML 22Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 18 of 26
09/2016
800 927.9474
PI3749-x0
number of ceramic capacitors used to calculate the individual
capacitor’s RMS current. Table 2 includes the recommended
input and output ceramic capacitor. It is very important to verify
that the voltage supply source as well as the interconnecting line
are stable and do not oscillate.
Input Filter case 1; Inductive source and local, external, input
decoupling capacitance with negligible ESR (i.e.: ceramic type)
The voltage source impedance can be modeled as a series Rline
Lline circuit. The high performance ceramic decoupling capacitors
will not significantly damp the network because of their low ESR;
therefore in order to guarantee stability the following conditions
must be verified:
Where, rEQ_IN can be calculated by dividing the lowest line
voltage by the full load input current. It is critical that the
line source impedance be at least an octave lower than the
converter’s dynamic input resistance, Equation (4). However,
Rline cannot be made arbitrarily low otherwise Equation (3)
is violated and the system will show instability, due to under-
damped RLC input network.
Input Filter case 2; Inductive source and local, external input
decoupling capacitance with significant RCIN_EXT ESR
(i.e.: electrolytic type)
In order to simplify the analysis in this case, the voltage source
impedance can be modeled as a simple inductor Lline. Notice
that, the high performance ceramic capacitors CIN_INT within
the PI3749-x0 should be included in the external electrolytic
capacitance value for this purpose. The stability criteria will be:
Equation (6) shows that if the aggregate ESR is too small – for
example by using very high quality input capacitors (CIN_EXT)
– the system will be under-damped and may even become
destabilized. Again, an octave of design margin in satisfying
Equation (5) should be considered the minimum.
Note: When applying an electrolytic capacitor for input filter
damping the ESR value must be chosen to avoid loss of converter
efficiency and excessive power dissipation in the
electrolytic capacitor.
Parallel Operation
PI3749-x0 can be connected in parallel up to two phases, with
interleaving. Parallel interleaved modules can be used to increase
the output current capability of a single power rail and reduce
output voltage ripple. Figure 27 shows the proper connection
of two regulators in parallel interleaved operation. Connecting
a higher number of modules (up to six maximum) is possible
without interleaving or synchronization. Connecting groups
of interleaved modules would be the best configuration for
applications requiring higher current than two modules can
produce. The user must consider a worst case sharing error of
+/-10% when considering a two unit parallel system to avoid
overloading one module or tripping current limit during
load transients.
By connecting the EAO pins and SGND pins of each module
together, the regulators will share the output current equally,
provided each power inductor is the same value and the output
ripple is not excessive. Connecting all TRK pins will force all units
to track each other during soft-start. Additionally, all units EN
pins must be released to allow the units to start (See Figure 27).
To provide synchronization between regulators over the entire
operational frequency range, the Power Good (PGD) pin must
be connected to the lead regulator’s (#1) SYNCI pin and a 2.5kΩ
Resistor, R1, must be placed between SYNCO (#2) return and
the lead regulator’s SYNCI (#1) pin, as shown in Figure 27. In
this configuration, at system soft-start, the PGD pin pulls SYNCI
low forcing the lead regulator to initialize the open-loop startup
synchronization. Once the regulators reach regulation, SYNCI
is released and the system is now synchronized in a closed-
loop configuration which allows the system to maintain correct
synchronization when any of the individual regulators begin to
enter variable frequency mode.
Any fault event flagged by one regulator will disable the other
regulators. The regulators will not be synchronized during a fault
or during startup (resulting in higher output ripple for that period
of time) until the PGD pin is released.
R
line >
L
line
C
IN_INT + CIN_EXT
• r
EQ_IN
(3)
(
)
R
line << rEQ_IN
(4)
r
EQ_IN > RCIN_EXT
(5)
L
line
C
IN_INT • RCIN_EXT
(6)
< r
EQ_IN
SGND
Vin
Vin
Vout
Vout
PGND
EAIN
TRK
EAO
PI3749-x0
(#1)
Cin
Cout
SGND
Vin
Vout
PGND
EAIN
PI3749-x0
(#2)
Cout
L2
EN
EAO(#2)
TRK(#2)
EN(#2)
Vin
Cin
PGD
SYNCI
SYNCO
SYNCI (#2)
SYNCO (#2)
R1
TRK
EAO
EN
EAO(#1)
TRK (#1)
EN (#1)
PGD
SYNCI
SYNCO
SYNCI(#1)
SYNCO(#1)
VS1
VS2
VS1
VS2
L1
Figure 27 — PI3749-x0 parallel operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com