Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 64 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 64 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 60Page - Dallas Semiconductor DS2156 Datasheet HTML 61Page - Dallas Semiconductor DS2156 Datasheet HTML 62Page - Dallas Semiconductor DS2156 Datasheet HTML 63Page - Dallas Semiconductor DS2156 Datasheet HTML 64Page - Dallas Semiconductor DS2156 Datasheet HTML 65Page - Dallas Semiconductor DS2156 Datasheet HTML 66Page - Dallas Semiconductor DS2156 Datasheet HTML 67Page - Dallas Semiconductor DS2156 Datasheet HTML 68Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 262 page
background image
DS2156
64 of 262
Register Name:
E1TCR2
Register Description:
E1 Transmit Control Register 2
Register Address:
36h
Bit #
7
6
5
4
3
2
1
0
Name
Sa8S
Sa7S
Sa6S
Sa5S
Sa4S
AEBE
AAIS
ARA
Default
0
0
0
0
0
0
0
0
Bit 0/Automatic Remote Alarm Generation (ARA)
0 = disabled
1 = enabled
Bit 1/Automatic AIS Generation (AAIS)
0 = disabled
1 = enabled
Bit 2/Automatic E-Bit Enable (AEBE)
0 = E-bits not automatically set in the transmit direction
1 = E-bits automatically set in the transmit direction
Bit 3/Sa4 Bit Select (Sa4S). Set to 1 to source the Sa4 bit from the TLINK pin; set to 0 to not source the Sa4 bit.
See Section 34 for details.
Bit 4/Sa5 Bit Select (Sa5S). Set to 1 to source the Sa5 bit from the TLINK pin; set to 0 to not source the Sa5 bit.
See Section 34 for details.
Bit 5/Sa6 Bit Select (Sa6S). Set to 1 to source the Sa6 bit from the TLINK pin; set to 0 to not source the Sa6 bit.
See Section 34 for details.
Bit 6/Sa7 Bit Select (Sa7S). Set to 1 to source the Sa7 bit from the TLINK pin; set to 0 to not source the Sa7 bit.
See Section 34 for details.
Bit 7/Sa8 Bit Select (Sa8S). Set to 1 to source the Sa8 bit from the TLINK pin; set to 0 to not source the Sa8 bit.
See Section 34 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com