Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 38Page - Dallas Semiconductor DS2156 Datasheet HTML 39Page - Dallas Semiconductor DS2156 Datasheet HTML 40Page - Dallas Semiconductor DS2156 Datasheet HTML 41Page - Dallas Semiconductor DS2156 Datasheet HTML 42Page - Dallas Semiconductor DS2156 Datasheet HTML 43Page - Dallas Semiconductor DS2156 Datasheet HTML 44Page - Dallas Semiconductor DS2156 Datasheet HTML 45Page - Dallas Semiconductor DS2156 Datasheet HTML 46Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 262 page
background image
DS2156
42 of 262
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
B2
R
Extend System Information Bus Register 1
ESIB1
220
B3
R
Extend System Information Bus Register 2
ESIB2
220
B4
R
Extend System Information Bus Register 3
ESIB3
220
B5
R
Extend System Information Bus Register 4
ESIB4
220
B6
R/W
In-Band Code Control Register
IBCC
194
B7
R/W
Transmit Code Definition Register 1
TCD1
195
B8
R/W
Transmit Code Definition Register 2
TCD2
195
B9
R/W
Receive Up Code Definition Register 1
RUPCD1
196
BA
R/W
Receive Up Code Definition Register 2
RUPCD2
196
BB
R/W
Receive Down Code Definition Register 1
RDNCD1
197
BC
R/W
Receive Down Code Definition Register 2
RDNCD2
197
BD
R/W
In-Band Receive Spare Control Register
RSCC
198
BE
R/W
Receive Spare Code Definition Register 1
RSCD1
199
BF
R/W
Receive Spare Code Definition Register 2
RSCD2
199
C0
R
Receive FDL Register
RFDL
147
C1
R/W
Transmit FDL Register
TFDL
148
C2
R/W
Receive FDL Match Register 1
RFDLM1
147
C3
R/W
Receive FDL Match Register 2
RFDLM2
147
C4
C5
R/W
Interleave Bus Operation Control Register
IBOC
215
C6
R
Receive Align Frame Register
RAF
120
C7
R
Receive Nonalign Frame Register
RNAF
120
C8
R
Receive Si Align Frame
RSiAF
122
C9
R
Receive Si Nonalign Frame
RSiNAF
123
CA
R
Receive Remote Alarm Bits
RRA
123
CB
R
Receive Sa4 Bits
RSa4
124
CC
R
Receive Sa5 Bits
RSa5
124
CD
R
Receive Sa6 Bits
RSa6
125
CE
R
Receive Sa7 Bits
RSa7
125
CF
R
Receive Sa8 Bits
RSa8
126
D0
R/W
Transmit Align Frame Register
TAF
121
D1
R/W
Transmit Nonalign Frame Register
TNAF
121
D2
R/W
Transmit Si Align Frame
TSiAF
126
D3
R/W
Transmit Si Nonalign Frame
TSiNAF
127
D4
R/W
Transmit Remote Alarm Bits
TRA
127
D5
R/W
Transmit Sa4 Bits
TSa4
128
D6
R/W
Transmit Sa5 Bits
TSa5
128
D7
R/W
Transmit Sa6 Bits
TSa6
129
D8
R/W
Transmit Sa7 Bits
TSa7
129
D9
R/W
Transmit Sa8 Bits
TSa8
130
DA
R/W
Transmit Sa Bit Control Register
TSACR
131
DB
R/W
BERT Alternating Word Count Rate
BAWC
205
DC
R/W
BERT Repetitive Pattern Set Register 1
BRP1
206
DD
R/W
BERT Repetitive Pattern Set Register 2
BRP2
206
DE
R/W
BERT Repetitive Pattern Set Register 3
BRP3
206
DF
R/W
BERT Repetitive Pattern Set Register 4
BRP4
206
E0
R/W
BERT Control Register 1
BC1
202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com