Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 29Page - Dallas Semiconductor DS2156 Datasheet HTML 30Page - Dallas Semiconductor DS2156 Datasheet HTML 31Page - Dallas Semiconductor DS2156 Datasheet HTML 32Page - Dallas Semiconductor DS2156 Datasheet HTML 33Page - Dallas Semiconductor DS2156 Datasheet HTML 34Page - Dallas Semiconductor DS2156 Datasheet HTML 35Page - Dallas Semiconductor DS2156 Datasheet HTML 36Page - Dallas Semiconductor DS2156 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 262 page
background image
DS2156
33 of 262
3.9
L and G Package Pinout
The DS2156 is available in either a 100-pin LQFP (L) or 10mm CSBGA, 0.8mm pitch (G) package.
Table 3-A. Pin Description Sorted by Pin Number (TDM Backplane Enabled)
BOLD entries indicate pins that have an alternate function when UTOPIA bus interface is enabled.
PIN
LQFP
CSBGA
SYMBOL
TYPE
FUNCTION
1
A1
RCHBLK
O
Receive Channel Block
2
B2
JTMS
I
IEEE 1149.1 Test Mode Select
3
C3
BPCLK
O
Backplane Clock
4
B1
JTCLK
I
IEEE 1149.1 Test Clock Signal
5
D4
JTRST
I
IEEE 1149.1 Test Reset
6
C2
RCL
O
Receive Carrier Loss
7
C1
JTDI
I
IEEE 1149.1 Test Data Input
8
D3
UOP0
O
User Output 0
9
D2
UOP1
O
User Output 1
10
D1
JTDO
O
IEEE 1149.1 Test Data Output
11
E3
BTS
I
Bus Type Select
12
E2
LIUC
I
Line Interface Connect
13
E1
8XCLK
O
Eight Times Clock
14
E4
TSTRST
I
Test/Reset
15
E5
UOP2
O
User Output 2
16
F1
RTIP
I
Receive Analog Tip Input
17
F2
RRING
I
Receive Analog Ring Input
18
F3
RVDD
—
Receive Analog Positive Supply
19, 20, 24
F4, G1, J1
RVSS
—
Receive Analog Signal Ground
21
G2
MCLK
I
Master Clock Input
22
H1
XTALD
O
Quartz Crystal Driver
23
G3
UOP3
O
User Output 3
25
H2
INT
O
Interrupt
26
K1
TUSEL
—
Backplane Interface Select
27, 28
J2, H3
N.C.
—
Reserved for Factory Test
29
K2
TTIP
O
Transmit Analog Tip Output
30
G4
TVSS
–
Transmit Analog Signal Ground
31
J3
TVDD
–
Transmit Analog Positive Supply
32
K3
TRING
O
Transmit Analog Ring Output
33
H4
TCHBLK
O
Transmit Channel Block
34
J4
TLCLK
O
Transmit Link Clock
35
K4
TLINK
I
Transmit Link Data
36
H5
ESIBS0
I/O
Extended System Information Bus 0
37
J5
TSYNC
I/O
Transmit Sync
38
K5
TPOSI
I
Transmit Positive-Data Input
39
G5
TNEGI
I
Transmit Negative-Data Input
40
F5
TCLKI
I
Transmit Clock Input
41
K6
TCLKO
O
Transmit Clock Output
42
J6
TNEGO
O
Transmit Negative-Data Output
43
H6
TPOSO
O
Transmit Positive-Data Output
44, 61, 81, 83
K7, F8, B8, C7
DVDD
—
Digital Positive Supply
45, 60, 80, 84
G6, G10, D7, B7
DVSS
—
Digital Signal Ground
46
J7
TCLK
I
Transmit Clock
47
K8
TSER
I
Transmit Serial Data
48
H7
TSIG
I
Transmit Signaling Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com