Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 84 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 84 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 80Page - Dallas Semiconductor DS2156 Datasheet HTML 81Page - Dallas Semiconductor DS2156 Datasheet HTML 82Page - Dallas Semiconductor DS2156 Datasheet HTML 83Page - Dallas Semiconductor DS2156 Datasheet HTML 84Page - Dallas Semiconductor DS2156 Datasheet HTML 85Page - Dallas Semiconductor DS2156 Datasheet HTML 86Page - Dallas Semiconductor DS2156 Datasheet HTML 87Page - Dallas Semiconductor DS2156 Datasheet HTML 88Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 262 page
background image
DS2156
84 of 262
13.2 Path Code Violation Count Register (PCVCR)
13.2.1
T1 Operation
The path code violation count register records Ft, Fs, or CRC6 errors in T1 frames. When the receive side
of a framer is set to operate in the T1 ESF framing mode, PCVCR records errors in the CRC6 codewords.
When set to operate in the T1 D4 framing mode, PCVCR counts errors in the Ft framing bit position.
Through the ERCNT.2 bit, a framer can be programmed to also report errors in the Fs framing bit
position. The PCVCR is disabled during receive loss-of-synchronization (RLOS = 1) conditions. Table
13-C shows what errors the PCVCR counts.
Table 13-C. T1 Path Code Violation Counting Arrangements
FRAMING MODE
COUNT Fs ERRORS?
COUNTED
IN THE PCVCRs
D4
No
Errors in the Ft pattern
D4
Yes
Errors in both the Ft and Fs patterns
ESF
Don’t Care
Errors in the CRC6 codewords
13.2.2
E1 Operation
The path code violation-count register records CRC4 errors. Since the maximum CRC4 count in a one-
second period is 1000, this counter cannot saturate. The counter is disabled during loss-of-sync at either
the FAS or CRC4 level; it continues to count if loss-of-multiframe sync occurs at the CAS level.
Path code violation-count register 1 (PCVCR1) is the most significant word and PCVCR2 is the least
significant word of a 16-bit counter that records path violations (PVs).
Register Name:
PCVCR1
Register Description:
Path Code Violation Count Register 1
Register Address:
44h
Bit #
7
6
5
4
3
2
1
0
Name
PCVC15
PCVC14
PCVC13
PCVC12
PCVC11
PCVC10
PCVC9
PCVC8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Path Code Violation Counter Bits 8 to 15 (PCVC8 to PCVC15). PCVC15 is the MSB of the 16-bit
path code violation count.
Register Name:
PCVCR2
Register Description:
Path Code Violation Count Register 2
Register Address:
45h
Bit #
7
6
5
4
3
2
1
0
Name
PCVC7
PCVC6
PCVC5
PCVC4
PCVC3
PCVC2
PCVC1
PCVC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Path Code Violation Counter Bits 0 to 7 (PCVC0 to PCVC7). PCVC0 is the LSB of the 16-bit path
code violation count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com