| Electronic Components Datasheet Search |
|
DS2156 Datasheet(PDF) 24 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156 Datasheet(HTML) 24 Page - Dallas Semiconductor |
|
24 / 262 page ![]() DS2156 24 of 262 Signal Name: RPOSO Signal Description: Receive Positive-Data Output Signal Type: Output Updated on the rising edge of RCLKO with bipolar data out of the line interface. This pin is normally connected to RPOSI. Signal Name: RNEGO Signal Description: Receive Negative-Data Output Signal Type: Output Updated on the rising edge of RCLKO with the bipolar data out of the line interface. This pin is normally connected to RPOSI. Signal Name: RCLKO Signal Description: Receive Clock Output Signal Type: Output Buffered recovered clock from the network. This pin is normally connected to RCLKI. Signal Name: RPOSI Signal Description: Receive Positive-Data Input Signal Type: Input Sampled on the falling edge of RCLKI for data to be clocked through the receive-side framer. RPOSI and RNEGI can be connected together for an NRZ interface. Can be internally connected to RPOSO by connecting the LIUC pin high. Signal Name: RNEGI Signal Description: Receive Negative-Data Input Signal Type: Input Sampled on the falling edge of RCLKI for data to be clocked through the receive-side framer. RPOSI and RNEGI can be connected together for an NRZ interface. Can be internally connected to RNEGO by connecting the LIUC pin high. Signal Name: RCLKI Signal Description: Receive Clock Input Signal Type: Input Clock used to clock data through the receive-side framer. This pin is normally connected to RCLKO. Can be internally connected to RCLKO by connecting the LIUC pin high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |