Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 6Page - Dallas Semiconductor DS2156 Datasheet HTML 7Page - Dallas Semiconductor DS2156 Datasheet HTML 8Page - Dallas Semiconductor DS2156 Datasheet HTML 9Page - Dallas Semiconductor DS2156 Datasheet HTML 10Page - Dallas Semiconductor DS2156 Datasheet HTML 11Page - Dallas Semiconductor DS2156 Datasheet HTML 12Page - Dallas Semiconductor DS2156 Datasheet HTML 13Page - Dallas Semiconductor DS2156 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 262 page
background image
DS2156
10 of 262
Extended System Information Bus
§ Host can read interrupt and alarm status on up to 8
ports with a single bus read
User-Programmable Output Pins
§ Four user-defined output pins for controlling
external logic
Control Port
§ 8-bit parallel control port
§ Multiplexed or nonmultiplexed buses
§ Intel or Motorola formats
§ Supports polled or interrupt environments
§ Software access to device ID and silicon revision
§ Software reset supported
–
Automatic clear on power-up
§ Hardware reset pin
The DS2156 is compliant with the following standards:
ANSI:
T1.403-1995, T1.231–1993, T1.408
AT&T:
TR54016, TR62411
ITU:
G.703, G.704, G.706, G.736, G.775, G.823, G.932, I.431, O.151, Q.161
ITU-T:
Recommendation I.432–03/93 B-ISDN User-Network Interface—Physical Layer
Specification
ETSI:
ETS 300 011, ETS 300 166, ETS 300 233, CTR12, CTR4
Japanese:
JTG.703, JTI.431, JJ-20.11 (CMI Coding Only)
ATM Forum:
“DS1 Physical Layer Specification,” af-phy-0016.000, September 1994
ATM Forum:
“E1 Physical Layer Specification,” af-phy-0064.000, September 1996
ATM Forum:
“UTOPIA Level 2 Specification,” Version 1.0, af-phy-0039.000, June 1995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com