Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 162 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 162 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 158Page - Dallas Semiconductor DS2156 Datasheet HTML 159Page - Dallas Semiconductor DS2156 Datasheet HTML 160Page - Dallas Semiconductor DS2156 Datasheet HTML 161Page - Dallas Semiconductor DS2156 Datasheet HTML 162Page - Dallas Semiconductor DS2156 Datasheet HTML 163Page - Dallas Semiconductor DS2156 Datasheet HTML 164Page - Dallas Semiconductor DS2156 Datasheet HTML 165Page - Dallas Semiconductor DS2156 Datasheet HTML 166Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 262 page
background image
DS2156
162 of 262
23.9 Component Specifications
Table 23-A. Transformer Specifications
SPECIFICATION
RECOMMENDED VALUE
Turns Ratio 3.3V Applications
1:1 (receive) and 1:2 (transmit) ±2%
Primary Inductance
600
mH (min)
Leakage Inductance
1.0
mH (max)
Intertwining Capacitance
40pF (max)
Transmit Transformer DC Resistance
Primary (Device Side)
Secondary
1.0Ω (max)
2.0Ω (max)
Receive Transformer DC Resistance
Primary (Device Side)
Secondary
1.2Ω (max)
1.2Ω (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com