| Electronic Components Datasheet Search |
|
DS2156 Datasheet(PDF) 173 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156 Datasheet(HTML) 173 Page - Dallas Semiconductor |
|
173 / 262 page ![]() DS2156 173 of 262 Figure 24-4 shows an example where the ATM must pause the data transmission, since it has no data available (in this case, for three clock cycles). This is done by deasserting UT-ENB and (optionally) setting UT-DATAx and UT-SOC into a high-impedance state. Polling can continue. In the last clock cycle before restarting the transmission, the address “M” of the previously selected PHY is put on the UT-ADDRx bus to reselect PHY M again. Figure 24-4. Transmission to PHY Paused for Three Cycles 24.5.2 UTOPIA Side Transmit: Direct Status Mode (Multitransmit CLAV) The DS2156 supports direct status mode per [3] for a maximum of four PHY ports connected to one ATM layer. For each PHY port, the status signals UR-CLAV and UT-CLAV are permanently available according to UTOPIA Level 1 specification. PHY devices with up to four PHY ports on-chip have up to four UR-CLAV and up to four UT-CLAV status signals, one pair of UR-CLAV and UT-CLAV for each PHY port. Status signals and cell transfers are independent of each other. No address information is needed to obtain status information. Address information must be valid only for selecting a PHY port prior to one or multiple cell transfers. With respect to the status signals UR-CLAV and UT-CLAV, this mode of operation corresponds to that of four individual PHY devices according to UTOPIA Level 1. With respect to the cell transfer, this mode of operation corresponds to that as described in other parts of this document. The ATM layer selects a PHY port for cell transfer by placing the desired port on the address lines (UR-ADDRx, UT-ADDRx), while the enable signal (UR-ENB, UT-ENB) is deasserted. All PHY ports examine only the value on the address lines for possible selection when the enable signal is deasserted. In case the ATM suspends transmission for a specific PHY port during a cell transfer, no cells to/from other PHY ports can be transferred during this time. N 1F N+1 1F N-4 1F M 1F N+2 N+3 1F 1F N N+1 N-4 M N+2 N+3 P31 P32 P33 P34 P35 P36 P38 P39 P37 1 2 3 4 5 6 7 8 9 10 11 12 13 UT-CLK UT-ADDRx UT-CLAV UT-ENB UT-DATAx UT-SOC CELL XMIT TO: PHY M POLLING PHY M PAUSE XMIT POLLING SELECTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |