Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 35Page - Infineon Technologies AG XMC4100 Datasheet HTML 36Page - Infineon Technologies AG XMC4100 Datasheet HTML 37Page - Infineon Technologies AG XMC4100 Datasheet HTML 38Page - Infineon Technologies AG XMC4100 Datasheet HTML 39Page - Infineon Technologies AG XMC4100 Datasheet HTML 40Page - Infineon Technologies AG XMC4100 Datasheet HTML 41Page - Infineon Technologies AG XMC4100 Datasheet HTML 42Page - Infineon Technologies AG XMC4100 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
39
V1.3, 2015-10
Table 22
Standard Pads Class_A1
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Max.
Input leakage current
I
OZA1 CC
-500
500
nA
0 V
≤ V
IN ≤ VDDP
Input high voltage
V
IHA1 SR
0.6
× V
DDP
V
DDP + 0.3
V
max. 3.6 V
Input low voltage
V
ILA1 SR
-0.3
0.36
× V
DDP
V
Output high voltage,
POD
1) = weak
V
OHA1
CC
V
DDP - 0.4
−
V
I
OH ≥ -400 μA
2.4
−
V
I
OH ≥ -500 μA
Output high voltage,
POD
1) = medium
V
DDP - 0.4
−
V
I
OH ≥ -1.4 mA
2.4
−
V
I
OH ≥ -2 mA
Output low voltage
V
OLA1
CC
−
0.4
V
I
OL ≤ 500 μA;
POD
1) = weak
−
0.4
V
I
OL ≤ 2mA;
POD
1) = medium
Fall time
t
FA1 CC
−
150
ns
C
L =20 pF;
POD
1) = weak
1) POD = Pin Out Driver
−
50
ns
C
L =50 pF;
POD
1) = medium
Rise time
t
RA1 CC
−
150
ns
C
L =20 pF;
POD
1) = weak
−
50
ns
C
L =50 pF;
POD
1) = medium
Table 23
Standard Pads Class_A1+
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Max.
Input leakage current
I
OZA1+ CC
-1
1
μA0 V ≤ V
IN ≤ VDDP
Input high voltage
V
IHA1+ SR
0.6
× V
DDP
V
DDP + 0.3
V
max. 3.6 V
Input low voltage
V
ILA1+ SR
-0.3
0.36
× V
DDP
V
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com