Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 9Page - Infineon Technologies AG XMC4100 Datasheet HTML 10Page - Infineon Technologies AG XMC4100 Datasheet HTML 11Page - Infineon Technologies AG XMC4100 Datasheet HTML 12Page - Infineon Technologies AG XMC4100 Datasheet HTML 13Page - Infineon Technologies AG XMC4100 Datasheet HTML 14Page - Infineon Technologies AG XMC4100 Datasheet HTML 15Page - Infineon Technologies AG XMC4100 Datasheet HTML 16Page - Infineon Technologies AG XMC4100 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Summary of Features
Data Sheet
13
V1.3, 2015-10
1.5
Definition of Feature Variants
The XMC4[12]00 types are offered with several memory sizes and number of available
VADC channels. Table 5 describes the location of the available Flash memory, Table 6
describes the location of the available SRAMs, Table 7 the available VADC channels.
Table 4
Features of XMC4[12]00 Device Types
Derivative
1)
1) x is a placeholder for the supported temperature range.
ADC
Chan.
DAC
Chan.
CCU4
Slice
CCU8
Slice
POSIF
Intf.
HRPWM
Intf.
XMC4200-F64x256
10
2
2 x 4
1 x 4
1
1
XMC4200-Q48x256
9
2
2 x 4
1 x 4
1
1
XMC4100-F64x128
10
2
2 x 4
1 x 4
1
1
XMC4100-Q48x128
9
2
2 x 4
1 x 4
1
1
XMC4104-F64x64
10
2
2 x 4
1 x 4
1
1
XMC4104-Q48x64
9
2
2 x 4
1 x 4
1
1
XMC4104-F64x128
10
2
2 x 4
1 x 4
1
1
XMC4104-Q48x128
9
2
2 x 4
1 x 4
1
1
XMC4108-F64x64
10
2
2 x 4
1 x 4
1
−
XMC4108-Q48x64
9
2
2 x 4
1 x 4
1
−
Table 5
Flash Memory Ranges
Total Flash Size
Cached Range
Uncached Range
256 Kbytes
0800 0000
H −
0803 FFFF
H
0C00 0000
H −
0C03 FFFF
H
128 Kbytes
0800 0000
H −
0801 FFFF
H
0C00 0000
H −
0C01 FFFF
H
64 Kbytes
0800 0000
H −
0800 FFFF
H
0C00 0000
H −
0C00 FFFF
H
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com