Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 68Page - Infineon Technologies AG XMC4100 Datasheet HTML 69Page - Infineon Technologies AG XMC4100 Datasheet HTML 70Page - Infineon Technologies AG XMC4100 Datasheet HTML 71Page - Infineon Technologies AG XMC4100 Datasheet HTML 72Page - Infineon Technologies AG XMC4100 Datasheet HTML 73Page - Infineon Technologies AG XMC4100 Datasheet HTML 74Page - Infineon Technologies AG XMC4100 Datasheet HTML 75Page - Infineon Technologies AG XMC4100 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
72
V1.3, 2015-10
Positive Load Step Examples
System assumptions:
f
CPU = fSYS, target frequency fCPU = 80 MHz, main PLL fVCO = 480 MHz, stepping done by
K2 divider,
t
PLSS between individual steps:
24 MHz - 48 MHz - 80 MHz (K2 steps 20 - 10 - 6)
24 MHz - 60 MHz - 80 MHz (K2 steps 20 - 8 - 6)
Table 42
Power Sequencing Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Positive Load Step Current
ΔI
PLS SR
-
−
50
mA
Load increase
on
V
DDP
Δt ≤ 10 ns
Negative Load Step
Current
ΔI
NLS SR
-
−
150
mA
Load decrease
on
V
DDP
Δt ≤ 10 ns
V
DDC Voltage Over-
/ Undershoot from Load
Step
ΔV
LS CC
-
−
±100
mV
For maximum
positive or
negative load
step
Positive Load Step Settling
Time
t
PLSS
SR
50
−
-
μs
Negative Load Step
Settling Time
t
NLSS
SR 100
−
-
μs
External Buffer Capacitor
on
V
DDC
C
EXT
SR
3
4.7
6
μF
In addition
C = 100 nF
capacitor on
each
V
DDC pin
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com