Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 72Page - Infineon Technologies AG XMC4100 Datasheet HTML 73Page - Infineon Technologies AG XMC4100 Datasheet HTML 74Page - Infineon Technologies AG XMC4100 Datasheet HTML 75Page - Infineon Technologies AG XMC4100 Datasheet HTML 76Page - Infineon Technologies AG XMC4100 Datasheet HTML 77Page - Infineon Technologies AG XMC4100 Datasheet HTML 78Page - Infineon Technologies AG XMC4100 Datasheet HTML 79Page - Infineon Technologies AG XMC4100 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
76
V1.3, 2015-10
3.3.6
JTAG Interface Timing
The following parameters are applicable for communication through the JTAG debug
interface. The JTAG module is fully compliant with IEEE1149.1-2000.
Note: These parameters are not subject to production test, but verified by design and/or
characterization.
Note: Operating conditions apply.
Table 46
JTAG Interface Timing Parameters
Parameter
Symbol
Values
Unit Note /
Test Condition
Min.
Typ.
Max.
TCK clock period
t
1
SR
30
–
–
ns
For C
L =20pF
on TDO
TCK clock period
t
1
SR
40
–
–
ns
For C
L =50pF
on TDO
TCK high time
t
2
SR
10
–
–
ns
TCK low time
t
3
SR
10
–
–
ns
TCK clock rise time
t
4
SR
––4ns
TCK clock fall time
t
5
SR
––4ns
TDI/TMS setup
to TCK rising edge
t
6
SR
6––ns
TDI/TMS hold
after TCK rising edge
t
7
SR
6––ns
TDO valid after TCK falling
edge
1) (propagation delay)
1) The falling edge on TCK is used to generate the TDO timing.
t
8
CC
––17
ns
C
L =50pF
3––ns
C
L =20pF
TDO hold after TCK falling
edge
1)
t
18
CC
2––ns
TDO high imped. to valid
from TCK falling edge
1)2)
2) The setup time for TDO is given implicitly by the TCK cycle time.
t
9
CC
––14
ns
C
L =50pF
TDO valid to high imped.
from TCK falling edge
1)
t
10
CC
–
–
13.5
ns
C
L =50pF
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com