Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 86Page - Infineon Technologies AG XMC4100 Datasheet HTML 87Page - Infineon Technologies AG XMC4100 Datasheet HTML 88Page - Infineon Technologies AG XMC4100 Datasheet HTML 89Page - Infineon Technologies AG XMC4100 Datasheet HTML 90Page - Infineon Technologies AG XMC4100 Datasheet HTML 91Page - Infineon Technologies AG XMC4100 Datasheet HTML 92Page - Infineon Technologies AG XMC4100 Datasheet HTML 93Page - Infineon Technologies AG XMC4100 Datasheet HTML 94Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Package and Reliability
Data Sheet
91
V1.3, 2015-10
Figure 37
PG-TQFP-64-19 (Plastic Green Thin Profile Quad Flat Package)
Table 57
Differences PG-VQFN-48-53 to PG-VQFN-48-71
Change
PG-VQFN-48-53
PG-VQFN-48-71
Package corner
chamfered
right-angled
Lead width
0.23
±0.05 mm
0.25
(+0.05, -0.07) mm
Lead height
0.4
±0.07 mm
0.4
±0.05 mm
D
12
H
0.2 A-B D
4x
A-B
0.2
64x
D
B
1
64
Index Marking
0.5
+0.07
0.2 -0.03
0.08 M A-B D
C
±0.15
0.6
H
A
64x
C
0.08
64x
C
10
1)
2)
PG-TQFP-64-19-PO V02
1
64
Exposed Diepad
5.7
4.9
1) Does not include plastic or metal protrusion of 0.25 max. per side
2) Does not include dambar protrusion of 0.08 max. per side
SEATING PLANE
COPLANARITY
15 x 0.5 = 7.5
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com