Electronic Components Datasheet Search
  English  ▼

X  

PST14 Datasheet(PDF) 20 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 20 Page - Power System Technology

Back Button PST14 Datasheet HTML 12Page - Power System Technology PST14 Datasheet HTML 13Page - Power System Technology PST14 Datasheet HTML 14Page - Power System Technology PST14 Datasheet HTML 15Page - Power System Technology PST14 Datasheet HTML 16Page - Power System Technology PST14 Datasheet HTML 17Page - Power System Technology PST14 Datasheet HTML 18Page - Power System Technology PST14 Datasheet HTML 19Page - Power System Technology PST14 Datasheet HTML 20Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
PST14 Rev. 00
Page 20 of 20
www.powersystemtechnology.com
For single configura�ons see page 5.
PST14C
Vout
Pout
Op�on
H
M
R
T
V
V1
H : Heatsink
M : Ruggedized
R : N+1 for all outputs
T : -40°C
V : Conformal coa�ng
Vin
For mul�ple combina�on of the same package, use P/N as follows.
Units will be delivered with accessories mounted (Bus bar for parallel & serial , N+1).
Example :
2up 2 outputs (see page 3 for V1P1 & V2P2)
PST14C Vin -V1P1-V2P2-O
2up 1 output
PST14C Vin -V1P-O
1 output of P1+P2 where P1=P2
(do not put in parallel 2 different power)
3up 3 outputs
PST14C Vin -V1P1-V2P2-V3P3-O
3up 2 outputs
PST14C Vin -V1P-V2P2-O
(P = 2 x P1)
PST14C Vin -V1P1-V2P2-O
AL1
AL2
E1
-OUT
+OUT
1
Pr-
Pr+
Pr-
Pr+
+Inh
Inh+
Inh-
Inh-
-OUT
+OUT
1
Pr-
Pr+
Pr-
Pr+
+Inh
Inh+
Inh-
Inh-
C1
C2
C3
C4
1
2
3
Op�on
H : Heatsink
M : Ruggedized
P1 : Parallel V1 & V2
P2 : Parallel V2 & V3
R : N+1
R1 : N+1 V1 & V2
R2 : N+1 V2 & V3
S1 : Serialized V1 & V2
S2 : Serialized V2 & V3
T : -40°C
V : Conformal coa�ng
PST14C : MICRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com