Electronic Components Datasheet Search
  English  ▼

X  

PST14 Datasheet(PDF) 7 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 7 Page - Power System Technology

Back Button PST14 Datasheet HTML 3Page - Power System Technology PST14 Datasheet HTML 4Page - Power System Technology PST14 Datasheet HTML 5Page - Power System Technology PST14 Datasheet HTML 6Page - Power System Technology PST14 Datasheet HTML 7Page - Power System Technology PST14 Datasheet HTML 8Page - Power System Technology PST14 Datasheet HTML 9Page - Power System Technology PST14 Datasheet HTML 10Page - Power System Technology PST14 Datasheet HTML 11Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Primary Inhibit (Remote On/Off)
PST14 Rev. 00
Page 7 of 20
www.powersystemtechnology.com
The inhibit input disables (logic low, pull down or short circuit between
INH+ and -IN) or enables (logic high TTL, pull up or open-circuit) the
converter. This signal is referenced to the input voltage and will disable/
enable all outputs at the same �me when inhibi�on & parallel cable is
used. In systems consis�ng of several converters, this feature may be
used to sequence the ac�va�on of the different converters if inhibi�on
is used separately.
Output Voltage Adjustment
The converter outputs can be adjustable by poten�ometer or an
external voltage between trim and -sense (1,23V for nominal).
Sense Lines
This feature enable compensa�on of voltage drop accross the
connector contacts and the load lines.
The voltage between any sense line and its respec�ve power output pin
(as measured on the connector) should not exceed the following values
at nominal output voltage.
Output type
Total drop
Nega�ve line drop
V1
< 0.5V
< 0.25V
Powergood
Two green leds at input & output indicate the presence of output
voltages .
An open collector PGood signal (J10) is open when output failed or
closed when unit operates properly.
Waveforms
ĀȀ̀ЀԀԀȀ؀
܀ࠀऀȀ਀଀
؀ఀഀ
฀ఀༀ
฀ఀ؀
฀ఀက
฀ఀഀ
က
ကఀༀ
ကఀ؀
ကఀက
଀ᄀ
ༀᄀ
ሀᄀ
؀ᄀ
฀ᄀ
ကᄀ
ጀ̀᐀ᔀ̀᐀਀ᘀ̀ᜀᜀȀ᠀᐀਀ԀЀᤀЀ᐀਀܀ᨀᬀ଀؀ᰀ؀ഀᴀ؀ഀༀ฀ᄀ਀
Ḁἂ᐀
ĀȀ̀ЀȀ̀Ԁ؀Ȁ܀܀ࠀऀ̀
Auxiliary Func�ons
Output Noise (PST14B48-48250)
Current Limita�on (PST14B48-48250)
Paralleling signal
When several units of the same type are used in paralleled or in
redundant system, the PR+ PR- of each unit need to be connected
together through J4, J11 for accurate current sharing. Accessories cable
can be used.
ĀȀ̀
ЀȀ̀
ԀȀ̀
؀Ȁ̀
܀ȀȀ̀
ࠀԀऀȀ̀
ࠀ؀ऀȀ̀
؀ȀऀȀ̀
؀ĀऀȀ̀
؀ЀऀȀ̀
؀ԀऀȀ̀
؀؀ऀȀ̀
਀ȀऀȀ̀
਀ĀऀȀ̀
ĀȀȀ̀Ѐ̀ĀԀЀ؀܀Ѐࠀऀ਀Ā଀܀ఀ଀ഀ฀ༀက܀ᄀሀጀ܀ఀ଀ഀ฀ༀ᐀
଀ఀഀ܀Ѐ฀Ѐ؀ༀЀ؀ĀကȀᄀሀጀ᐀ᄀᔀጀ᐀ᘀ
ᄀሀጀ᐀ᄀ᐀ᜀᔀᘀ
ᄀሀጀ᐀ᄀᔀ᠀ᤀᘀ
଀ఀഀ܀ЀᨀĀЀༀ܀ĀЀȀȀༀᬀഀᄀᰀᬀᄀᴀḀἀጀᜀ᐀ ᄀሀጀ᐀ᄀᔀጀ᐀ᘀ
ᄀሀጀ᐀ᄀ᐀ᜀᔀᘀ
ᄀሀጀ᐀ᄀᔀ᠀ᤀᘀ
ᔀᘀᜀ᠀ᘀᜀ܀᠀ᤀᨀᬀᰀ
Efficiency vs input & load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com