Electronic Components Datasheet Search
  English  ▼

X  

PST14 Datasheet(PDF) 1 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 1 Page - Power System Technology

  PST14 Datasheet HTML 1Page - Power System Technology PST14 Datasheet HTML 2Page - Power System Technology PST14 Datasheet HTML 3Page - Power System Technology PST14 Datasheet HTML 4Page - Power System Technology PST14 Datasheet HTML 5Page - Power System Technology PST14 Datasheet HTML 6Page - Power System Technology PST14 Datasheet HTML 7Page - Power System Technology PST14 Datasheet HTML 8Page - Power System Technology PST14 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4
12, 24, 48, 72, 110Vdc IN
4
3 packages 150W, 300W, 500W
4
Output from 3V3 to 48Vdc
4
Input filtering EN55022 & transient protec�on
4
Reverse polarity protec�on
4
Several outputs, parallel or series opera�ons up to several kWs
4
MIL COTS op�ons MIL STD1275, 461, 810, 704
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The PST14, very compact DC-DC converter in chassis mount format, incorporates input filtering, input and output protec�ons, very robust
mechanical moun�ng and connec�on, op�onal conformal coa�ng, required in most of the severe environment for industrial, railways, defense
type of applica�ons. The converter provides high reliability thanks to the integra�on of Vicor Corp. modules, high efficiency, input-to-output
isola�on, so� start, overtemperature protec�on, input over/undervoltage lockout. The converters wide range of inputs are protected against
surges and transients and EMI filtered. The outputs are coun�nuously short-circuit proof .The 100°C baseplate opera�on allows opera�on in high
temperature environment.
The output can be configured in many different output voltages from 3V3 to 48Vdc, can be put in series and parallel, others possibili�es are even
possible as semi-standard versions.
Wide range of accessories (see page 16) like input & output Bus bars, N+1 oring diodes, parallel cables are available to simplify mul� units
assemblies. Military op�ons (M) make it suitable for MIL STD compliance.
PST14 Standard product
DC-DC conduc�on cooled from 150W to several kWs
PST14 Rev. 00
Page 1 of 20
www.powersystemtechnology.com
RoHS
-IN
+IN
INH+F
INH-F
INPUT +
INPUT -
F1
D1
1
J1
9-36Vdc
1
J2
D2
D3
-INMOD
L1
J7A
J8A
+INMOD
+IN
-IN
PC
PR
+OUT
+S
-S
-OUT
SC
VI1
+INMOD
-INMOD
C5
C6
6
4
1
3
IC1
C3
-IN
INH-
D4
C4
R4
PR+
PR-
C7
C8
C9
C10
R6
R7
1
J5
1
J6
+V1
-V1
R5
C11
C12
D5
D7
INH+
R3
6
4
1
3
IC2
Pgood-
Pgood+
D6
2
P1
I1
3
2
1
J3
3
2
1
4
5
J10
PGOOD+
PGOOD-
+SENSE
PGOOD-
PGOOD+
TRIM
-SENSE
+SENSE
-SENSE
R9
R10
TRIM
+Sense V1
-Sense V1
Trim
R11
INH+
INH-
PR-
PR+
3
2
1
4
J4
PR-
PR+
INH-
INH+
INH+
INH-
PR+
PR-
3
2
1
4
J11
INH+
INH-
PR+
PR-
INH+
INH-
D8
C1
C2
R1
R2
R8
1
2
6
5
3
4
TR1
verte
L2
L3
C13
C14
-INMOD
-INMOD
D9
C15
J9A
Active transient protection
J1
J2
J3
Features
Descrip�on
Micro
PST14C 150W
100 x 61 x 35mm
Mini
PST14B 250W
140 x 61 x 35mm
Maxi
PST14A 500W
225 x 61 x 35mm
(M op�on)


Similar Part No. - PST14

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST10 PST-PST10 Datasheet
230Kb / 4P
Industrial DIN RAIL mounting application
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST12 PST-PST12 Datasheet
263Kb / 3P
Automobile bench of test designed for DIN Rail mounting applications
PST13 PST-PST13 Datasheet
226Kb / 4P
Modular power supply for industrial & railways
PST15 PST-PST15 Datasheet
285Kb / 5P
This range of power supplies is specially designed
More results

Similar Description - PST14

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
50-150W, 200 to 425VDC Input DC-DC Converters
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com