Electronic Components Datasheet Search
  English  ▼

X  

PST14 Datasheet(PDF) 8 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 8 Page - Power System Technology

Back Button PST14 Datasheet HTML 4Page - Power System Technology PST14 Datasheet HTML 5Page - Power System Technology PST14 Datasheet HTML 6Page - Power System Technology PST14 Datasheet HTML 7Page - Power System Technology PST14 Datasheet HTML 8Page - Power System Technology PST14 Datasheet HTML 9Page - Power System Technology PST14 Datasheet HTML 10Page - Power System Technology PST14 Datasheet HTML 11Page - Power System Technology PST14 Datasheet HTML 12Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electromagne�c Immunity
PST14 Rev. 00
Page 8 of 20
www.powersystemtechnology.com
Environmental
Immunity to Environmental Condi�ons
Test method
Standard
Test conditions
Status
20g / 11ms
Built to meet M option
5g / 30ms
M option
Damp
Heat
MIL STD 810E Proc. 507-2
Humidity 93 %, 40°C, 56 days
Conformal coating option
only, built to meet
Vibrations
MIL STD 810E Proc. 514-3
Built to meet M option
Shock
MIL STD 810E Proc.516.3
EN 50155
Standard
Level
Value
Waveform
Source imped. Test procedure Mode
Supply surge
EN50155
B
1,4 * VIN
0,1 / 1 / 0,1 s
1 Ohm
1 positive surge
OP
Direct transients
EN50155
D
1800V
5 / 50 µs
5 Ohms
5 pos., 5 neg.
OP
Surges
EN 61000-4-5
3
2000V
1,2 / 50 µs
12 ohms
OP
Electrical fast
transients/burst
EN 61000-4-4
4
4000V
5 / 50µs
50 ohms
OP
1 / 50µs
330 Ohms
10 pos., 10neg.
OP
Electrostatic discharge
(to case)
EN 6100-4-2
4
8000V
Func�onali�es and compliance table
Functionalities
Conditions
PST14A PST14B PST14C PST14A PST14B PST14C PST14A PST14B PST14C PST14A PST14B PST14C PST14A PST14B PST14C
Parallel operation
current share with PR connected
Redundant operation
R option or external diode
Series operation
Remote senses
MIL COTS version
M option
Conformal coating
V option
-40°C Operation
T option
MIL-STD-704 A,C,D,E,F, 28V Steady State
M option, built to meet
MIL-STD-704 A,C,D,E,F 28V Surges High Transients
M option, built to meet
MIL-STD-704 A,C,D,E,F 28V Surges Low Transients
M option, built to meet
MIL-STD-704 C,D,E,F 28V Surges Low Transients
M option, built to meet
MIL-STD-704 A,C,D,E,F 28V Spikes
M option, built to meet
MIL-STD-810E (Shocks, Vibrations, Accelerations, Humidity)
M,V option built to meet
MIL-STD-461 Conducted Emission CE101, CE102
M option built to meet
MIL-STD-461 Conducted Susceptibility CS101, 114, 116
M option built to meet
MIL-STD-1275 A,B,C,D Steady State, Surges and Spikes
100V/50ms, 250V/70uS, M option
RTCA-DO-160E sect.16 cat.Z, Surges
80V/100ms, 48V/1s not meet , M option
DEF STAN 61-5, Part 6 28V
100V/50ms, M option
ABD100.1.8 Surge and Normal Transients
M option
EN50155 Environmental
V option
EN50155, EN55022A, EN55011A, EN50121-3-2
Conduction Emission, built to meet
EN 50155 Input Range and Transient
built to meet
Input 12V
Input 24V
Input 48V
Input 72V
Input 110V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com