Electronic Components Datasheet Search
  English  ▼

X  

PST14 Datasheet(PDF) 6 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 6 Page - Power System Technology

Back Button PST14 Datasheet HTML 2Page - Power System Technology PST14 Datasheet HTML 3Page - Power System Technology PST14 Datasheet HTML 4Page - Power System Technology PST14 Datasheet HTML 5Page - Power System Technology PST14 Datasheet HTML 6Page - Power System Technology PST14 Datasheet HTML 7Page - Power System Technology PST14 Datasheet HTML 8Page - Power System Technology PST14 Datasheet HTML 9Page - Power System Technology PST14 Datasheet HTML 10Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Parallel and Series Connec�on
PST14 Rev. 00
Page 6 of 20
www.powersystemtechnology.com
Redundant Systems Opera�on
Hold-up �me
The converter provides limited hold-up �me. If a hold-up �me is
required (some railways applica�ons for example), use external input
capacitors of adequat size.
Formula for addi�onal external input capacitor : C =2*Pout*th*100/
(V²-Vi²)/n
whereas :
C
= external input capacitance [mF]
Pout = output power [W]
n
= efficiency [%]
th
= hold-up �me [ms]
Vi
= minimum input voltage
V
= Input voltage level before interrup�on
Output Current Limita�on
See Electrical output data for value.
The converter output is con�nously protected against short-circuit by
a constant current limita�on. The short circuit protec�on is unlimited,
the opera�ng area between nominal power and ac�ve protec�on area
working in a constant current mode may lead to power above nominal,
then over stress of the internal components.
Thermal Considera�ons
The converter is designed to be mounted on a dissipa�ve area, in
conduc�on cooling mode. The max. opera�ng temperature is the
temperature of the baseplate which should not exceed 100°C.
Addi�on of grease or thermal pad between the converter baseplate
and the chassis is mandatory .
Thermal protec�on
A temperature protec�on is integrated in each Vicor module, disabling
output when heatsink temperature exceeds 105°C. The converter
automa�cally restarts, when the temperature drops below this limit.
Nevertheless, exceeding the max opera�ng temperature may cause
failures of the converter.
A converter output can be connected in series with an output from
a separate converter, an internal diode across each output is imple-
mented internally. The maximum output current of a serial-connected
outputs is limited by the output with the lowest current limit. Output
voltages above 48V (SELV - Safety Extra Low Voltage) require addi�onal
safety measures in order to comply with interna�onal safety require-
ments.
Parallel opera�on is possible with PST14 Mini & Maxi to increase output
power (see below parallelling signal).
When systems require a very high level of reliability and should work
normally in the event of a failure, N+1 redundancy is implemented
where N is the number of converter to support power requirement.
If one converter fail, the remaining ones s�ll delivers the power to the
loads.
Oring diodes are required to ensure proper N+1 opera�on (included
with op�onal N+1 bus bar).
Waveforms
Inrush : PST14B48-48250
Start-up �me : PST14B48-48250
100V 50ms Transient protec�on (M op�on) : PST14A24-28400-M
No inrush limi�ng circuit, peak value and waveform depend on input source
impedance. (see table page 2 for input capacitance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com