Electronic Components Datasheet Search
  English  ▼

X  

PST14 Datasheet(PDF) 12 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 12 Page - Power System Technology

Back Button PST14 Datasheet HTML 8Page - Power System Technology PST14 Datasheet HTML 9Page - Power System Technology PST14 Datasheet HTML 10Page - Power System Technology PST14 Datasheet HTML 11Page - Power System Technology PST14 Datasheet HTML 12Page - Power System Technology PST14 Datasheet HTML 13Page - Power System Technology PST14 Datasheet HTML 14Page - Power System Technology PST14 Datasheet HTML 15Page - Power System Technology PST14 Datasheet HTML 16Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PST14 Rev. 00
Page 12 of 20
www.powersystemtechnology.com
Connector Pin Alloca�on
Safety and Installa�ons Instruc�ons
PIN
Press Fit M4 : Wurth ref. 7461095
J1
INPUT +
J2
INPUT -
J5
+V1
Positive output voltage
J6
-V1
Negative output voltage
J3-1
INH +
See inhibition signal for description
J3-2
INPUT -
J3-3
INH -
J4-1
PR-
Parallel signal for multi unit connection
J4-2
PR+
Parallel signal for multi unit connection
J4-3
INH -
Inhibition signal for multi unit connection
J4-4
INH +
Inhibition signal for multi unit connection
J10-1
+ Sense V1
Positive remote sense
J10-2
Pgood -
Power Good emittor
J10-3
Pgood +
Power Good collector
J10-4
Trim
Voltage adjustment
J10-5
-Sense V1
Negative remote sense
J11-1
INH +
Inhibition signal for multi unit connection
J11-2
INH -
Inhibition signal for multi unit connection
J11-3
PR+
Parallel signal for multi unit connection
J11-4
PR-
Parallel signal for multi unit connection
Description
J3 : JST 3pts CMS ref. BM03B-SRSS-TB (LFSN)
J4 : JST 4pts CMS ref. BM04B-SRSS-TB (LFSN)
J10 : JST 5pts CMS ref. BM05B-SRSS-TB (LFSN)
J11 :JST 4pts CMS ref. BM04B-SRSS-TB (LFSN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com