Electronic Components Datasheet Search
  English  ▼

X  

MTL005 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MTL005
Description  XGA Flat Panel Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTL005 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MTL005 Datasheet HTML 17Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 18Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 19Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 20Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 21Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 22Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 23Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 24Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
MYSON
TECHNOLOGY
MTL005
Rev 0.9
Revision 0.9
- 21 -
2000/12/29
D4
De-interlace mode Select
0: Spatial Filtering write mode
1: Toggle Field write mode
D3
CCIR656 mode Enable
0: Disable
1: Enable
D2-0
Reserved
Input Image Control Register 2 (Address 12h) (R/W)
D7
Input ODD Field Invert
0: Normal
1: Invert
D6
External Input Interlace Select
0: Non-interlace
1: Interlace
D5
External Input VSYNC Polarity
0: Active Low
1: Active High
D4
External Input HSYNC Polarity
0: Active Low
1: Active High
D3
Input ODD Field Source
0: from Internal Detection
1: from External pin
D2
Input Interlace Source
0: from Internal detection
1: from Register setting (D6)
D1
Input VSYNC Polarity Source
0: from Internal detection
1: from Register setting (D5)
D0
Input HSYNC Polarity Source
0: from Internal detection
1: from Register setting (D4)
Input Image Control Register 3 (Address 13h) (R/W)
D7
Active Position Area for Auto Position in TMDS
0: from Internal Detection
1: from External Data Enable (TDIE)
D6-3
Reserved
D2
Sync On Green Select
0: Select Normal HSYNC/ Composite Sync
1: Select Sync On Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com