Electronic Components Datasheet Search
  English  ▼

X  

MTL005 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # MTL005
Description  XGA Flat Panel Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTL005 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button MTL005 Datasheet HTML 42Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 43Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 44Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 45Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 46Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 47Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 48Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 49Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
MYSON
TECHNOLOGY
MTL005
Rev 0.9
Revision 0.9
- 49 -
2000/12/29
¨
I2C Host Interface Timing
Figure 5.2.4 I2C Host Interface Timing
Table 5.2.4 I2C Host Interface Timing
SYMBOL
PARAMETER
MIN
MAX
UNIT
Thigh
Clock High Period
500
ns
Tlow
Clock Low Period
500
ns
Tsu:dat
Data in Setup Time
200
ns
Thd:dat
Data in Hold Time
100
ns
Tsu:sta
Start condition Setup Time
500
ns
Thd:sta
Start condition Hold Time
500
ns
Tsu:sto
Stop condition Setup Time
500
ns
Thd:sto
Stop condition Hold Time
500
ns
Tsu:dat
Thd:dat
Tsu:sta
Thd:sto
Tsu:sto
Thd:sta
Tlow
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com