Electronic Components Datasheet Search
  English  ▼

X  

MTL005 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MTL005
Description  XGA Flat Panel Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTL005 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MTL005 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 15Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 16Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 17Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 18Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 19Page - List of Unclassifed Manufacturers MTL005 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MYSON
TECHNOLOGY
MTL005
Rev 0.9
Revision 0.9
- 16 -
2000/12/29
4. REGISTER DESCRIPTION
INPUT CONTROL REGISTERS
Address
Mode
Registers
Reset value
00h
R/W
Input Image Vertical Active Line Start - Low
00h
01h
R/W
Input Image Vertical Active Line Start - High
00h
02h
R/W
Input Image Vertical Active Lines - Low
00h
03h
R/W
Input Image Vertical Active Lines - High
00h
04h
R/W
Input Image Horizontal Active Pixel Start - Low
00h
05h
R/W
Input Image Horizontal Active Pixel Start - High
00h
06h
R/W
Input Image Horizontal Active Pixels - Low
00h
07h
R/W
Input Image Horizontal Active Pixels - High
00h
10h
R/W
Input Image Control Register 0
00h
11h
R/W
Input Image Control Register 1
00h
12h
R/W
Input Image Control Register 2
00h
13h
R/W
Input Image Control Register 3
00h
14h
R/W
Input Image Control Register 4
00h
15h
R/W
Input Image Control Register 5
00h
16h
R/W
Input Image Control Register 6
00h
1Ah
R/W
Input Delay Control 2
00h
1Ch
R/W
HS1 Sample Window Forward Extend
00h
1Dh
R/W
HS1 Sample Window Backward Extend
00h
1Fh
RO
Input Image Status Register
-
20h
R/W
Input Image Back Porch Guard Band
00h
21h
R/W
Input Image Front Porch Guard Band
00h
FRAME SYNC REGISTERS
Address
Mode
Registers
Reset value
2Ch
R/W
Input Image Vertical Lock Position - Low
00h
2Dh
R/W
Input Image Vertical Lock Position - High
00h
2Eh
R/W
Input Image Horizontal Lock Position - Low
00h
2Fh
R/W
Input Image Horizontal Lock Position - High
00h
AUTO CALIBRATION REGISTERS
Address
Mode
Registers
Reset value
30h
R/W
Auto Calibration Control 0
80h
31h
R/W
Auto Calibration Control 1
00h
34h
RO
Auto Calibration RED Value - Byte 0
-
35h
RO
Auto Calibration RED Value - Byte 1
-
36h
RO
Auto Calibration RED Value - Byte 2
-
37h
RO
Auto Calibration RED Value - Byte 3
-
38h
RO
Auto Calibration GREEN Value - Byte 0
-
39h
RO
Auto Calibration GREEN Value - Byte 1
-
3Ah
RO
Auto Calibration GREEN Value - Byte 2
-
3Bh
RO
Auto Calibration GREEN Value - Byte 3
-
3Ch
RO
Auto Calibration BLUE Value - Byte 0
-
3Dh
RO
Auto Calibration BLUE Value - Byte 1
-
3Eh
RO
Auto Calibration BLUE Value - Byte 2
-
3Fh
RO
Auto Calibration BLUE Value - Byte 3
-
40h
R/W
Pixel Grab V Reference Position – Low
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com