Electronic Components Datasheet Search
  English  ▼

X  

TH6503 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TH6503 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TH6503 USB Low-Speed Interface
Figure 4. Serial Data IN
Data OUT Transfer
(from the TH6503 to the microcontroller)
An impulse on the SDI link at SIN = 0 represents
the OUT packet sync for an OUT transfer. With the
falling SCK edge the data (LSB first) is shifted to
SDO and with rising SCK edge accepted by the
microcontroller. The StatusRegister is transferred
initially followed by the CntOutRegister and finally
the OUT FIFO data. If the transfer is terminated after
less than 8 clock pulses, only single StatusRegister
bits are read. Linear transfer is interrupted by SIN
= 1 and must be initiated with a new OUT packet
sync at SIN = 0. Two impulses on the SDI link
initiate a transfer of the CntOutRegisters and of the
following
OUT
FIFO
bytes
without
the
StatusRegister. A zero data transfer is identified by
an OUT Count Byte value of 0. The end of a Data
OUT transfer clears the SET bit in the
CntOutRegister
and
the
OD
bit
in
the
StatusRegister to make the next USB OUT or
Setup transfer possible.
Figure 5. OUT Transfer of StatusRegister
Microcontroller
Interface
(continued)
0
1
0
1
0
1
0
1
SCK
SIN
SDO
SDI
0
1
n
Status0
Status1
Status2
Status n
/INT
Microcontroller
latches Data
on rising edge
of SCK
Bridge shifts
Data on falling
edge of SCK
End of
Transfer
Clear Interrupt Latch
SDI pulse with SIN=0:
- copy StatusRegister to Shift Register for Serial Data Out
any break
after identify the
/INT source possible
n <= 7
0
1
0
1
0
1
0
1
SCK
SIN
SDO
SDI
0
1
7
n+8
/INT
Bridge latches
Data on rising
edge of SCK
Microcontroller shifts
Data on falling
edge of SCK
End of IN Transfer
Microcontroller outputs
Adr/CntInRegister Bit 0 / AC0
on SDI
AC7
Data Bit 0
Bit n
AC0
AC1
AC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com