Electronic Components Datasheet Search
  English  ▼

X  

TH6503 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
TH6503 USB Low-Speed Interface
Register
Description
The StatusRegister, CntOutRegister and the OUT FIFO can only be read by the microcontroller.
The internal Registers of the TH6503 can only be written by the microcontroller.
StatusRegister (read only)
always the first byte of a data out transfer
is loaded in the out shift register with the falling edge of an pulse on SDI with SIN=0
Bit
Number
Bit
Mnemonic
Reset
Status
Function
7
HWR
1
Hardware Reset
?
?
is set if the reset source is POR, RESET pin or low voltage reset
is reset automatically on reading the StatusRegister and also by the following
SW-Reset before reading the StatusRegister
6
RES
0
USB Reset
?
?
?
is set so long as a reset is received on the USB (SW reset)
is reset automatically on reading the StatusRegister and also by the following
HW-Reset before reading the StatusRegister
the reset of this bit enables EP0 Out and EP0 In (EO0 and EI0 bits in the
SerialFlag Register are set)
5
ACT
0
USB Activity
?
?
?
?
is set when the USB is active (all bus states exept IDLE)
is reset automatically on reading the StatusRegister
can be used by the microcontroller to calculate the suspend time
if set the SO and SMC bits in the BridgeConfigRegister are reset
4
RDT
0
USB Resume Detect
?
?
?
is set automatically if a resume status has been decoded
is reset automatically if the resume status has been terminated
if set the SO and SMC bits in the BridgeConfigRegister are reset
3
ID12
0
EP1/2 IN Done
?
?
is set if the data requested by an IN token have been completely
transmitted to the USB host and an ACK has been received
is reset with the falling SIN edge (end of IN transfer)
2
ID0
0
EP0 IN Done
?
?
is set if data requested by an IN token have been completely
transmitted to the USB host and an ACK has been received
is reset with the falling SIN edge (end of IN transfer)
1
OD
0
OUT Done
?
?
is set automatically if the data are complete in the FIFO after a valid
SETUP or OUT token has been received and an ACK has been sent
to the USB host
is reset with the rising SIN edge (end of OUT transfer)
0
WA
1
WAKE Activity
?
?
is set and reset automatically depending on the voltage level at the
WAKE pin
is an inverted copy of the WAKE pin and can be used as low active
interrupt output, when SIN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com