Electronic Components Datasheet Search
  English  ▼

X  

TH6503 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
TH6503 USB Low-Speed Interface
Input signals are double buffered and digital filtered. Therefore all spikes with a width < 255 ns are
suppressed.
Timing Serial
Interface
(continued)
Description [1]
Symbol
Unit
min
typ
max
General
Oscillator Input period on OSC1
ns
164
170
Rising time of SDO
t
1
ns
20
Falling time of SDO
t
2
ns
7
SCK period
t
3
ns
600
Step
High time SCK [2]
t
4
ns
345
Low time SCK [2, 3]
t
5
ns
255
Data IN
Setup time of SCK after rising edge of SIN
t
6
ns
170
Hold time of SIN after last rising edge of SCK
t
7
ns
170
Setup time of INT-Signal after rising edge of SIN
t
8
ns
200
Hold time of INT-Signal after falling edge of SIN
t
9
ns
165
Setup time of Data on SDI before rising edge of SCK
t
10
ns
170
Hold time of Data on SDI after falling edge of SCK
t
11
ns
0
Data OUT
Setup time of SDI-pulse after falling edge of SIN
t
12
ns
170
Setup time of SIN after last falling edge of SCK
t
13
ns
170
High time of SDI-pulse
t
14
ns
255
Setup time of Data on SDO after falling edge of SDI-pulse
t
15
ns
280
Setup time of SCK after falling edge of SDI-pulse
t
16
ns
170
Setup time of Data on SDO after falling edge of SCK
t
17
ns
365
Notes:
[1] Capacitive load of 50 pF
[2] Can be asymmetrical
[3] The low time of SCK between the last bit of a byte and the first bit of the next byte must be at least 510 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com