Electronic Components Datasheet Search
  English  ▼

X  

TH6503 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
TH6503 USB Low-Speed Interface
EP0/1/2 FIFO (write only)
Internal Address: b000, b001 or b010
Size:
8 bytes
The device user data is stored temporarily at this location for transfer to the USB host.
•
the address b000 indicates a data transfer from EP0
•
the address b001 indicates a data transfer from EP1
•
the address b010 indicates a data transfer from EP2
•
only one of the three addresses may be used at any one time; FIFO is used alternately, de-
pending on the device function
•
will be flushed with a new SETUP token for as long as bit SET in CntOutRegister is set
SerialFlagRegister (write only)
Internal address: b100
Size:
8 bits
All endpoints must remain deactivated until USB reset has been decoded (Statusregister <6>).
Register
Description
(continued)
Bit
Number
Bit
Mnemonic
Reset
Status
Function
7-6
X
0
reserved - must be set to 0
5
EO2
0
Enable EP2 OUT
?
?
activate endpoint 2 OUT
Microcontroller can set the bit after detecting a USB reset in order to
enable data transfers from the USB host via EP2
If set the CntOut Register bit <7-6> indicates the source of the last OUT
transfer binary coded
4
EO1
0
Enable EP1 OUT
?
?
activate endpoint 1 OUT
Microcontroller can set the bit after detecting a USB reset in order to
enable data transfers from the USB host via EP1
If set the CntOut Register bit <7-6> indicates the source of the last OUT
transfer binary coded
3
EI2
0
Enable EP2 IN
?
activate endpoint 2 IN
Microcontroller can set the bit after detecting a USB reset in order to
enable data transfers to the USB host via EP2
2
EI1
0
Enable EP1 IN
?
activate endpoint 1 IN
Microcontroller can set the bit after detecting a USB reset in order to
enable data transfers to the USB host via EP1
1
EI0
0
Enable EP0 IN
?
activate endpoint 0 (IN transfer)
is set automatically after detecting a USB reset to enable IN control
transfers to the USB host
0
EO0
0
Enable EP0 OUT
?
activate endpoint 0 (OUT transfer)
is set automatically after detecting a USB reset to enable OUT control
transfers to the USB host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com