Electronic Components Datasheet Search
  English  ▼

X  

TH6503 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
TH6503 USB Low-Speed Interface
Electrical
Characteristics
All voltage values are referenced to GND (GND = 0 V). All values are based on the USB specifi-
cation V1.1. If any value is unspecified, the value from the USB specification V1.1 is valid.
Absolute maximum ratings
Recommended Operational Conditions
Parameter
Symbol
Min
Max
Unit
DC supply voltage
V
DD
- 0.3
7.0
V
Input voltage
V
IN
- 0.3
V3.3 + 0.3
V
Input Current
I
IN
- 10
10
mA
Storage temperature range (ceramic)
T
STGC
- 65
150
°C
Storage temperature range (plastic)
T
STGP
- 40
125
°C
Power Dissipation (SOP16)
P
D
600
mW
Parameter
Symbol
Min
Typ
Max
Unit
DC supply voltage
V
DD
4.40
5.00
5.25
V
Operating temperature range
T
A
0
70
°C
Junction temperature
T
J
< 150
°C
Operating Frequency
f
OP
6.00
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com