Electronic Components Datasheet Search
  English  ▼

X  

IR21571 Datasheet(PDF) 3 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 3 Page - International Rectifier

  IR21571 Datasheet HTML 1Page - International Rectifier IR21571 Datasheet HTML 2Page - International Rectifier IR21571 Datasheet HTML 3Page - International Rectifier IR21571 Datasheet HTML 4Page - International Rectifier IR21571 Datasheet HTML 5Page - International Rectifier IR21571 Datasheet HTML 6Page - International Rectifier IR21571 Datasheet HTML 7Page - International Rectifier IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IR21571(S)
www.irf.com
3
Note 2:
Enough current should be supplied into the VCC lead to keep the internal 15.6V zener clamp diode on this lead
regulating its voltage.
Note 3:
Due to the fact that the RT input is a voltage-controlled current source, the total RT lead current is the sum of all
the parallel current sources connected to that lead. For optimum oscillator current mirror performance, this total
current should be kept between 50
µA and 500µA. During the preheat mode, the total current flowing out of the RT
lead consists of the RPH lead current plus the current due to the RT resistor. During the run mode, the total RT lead
current consists of the RUN lead current plus the current due to the RT resistor.
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, RT = 40.0kΩ, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V,
RDT = 6.1kΩ, ROC = 20.0kΩ, VCS = 0.5V, VSD = 0.0V, CL = 1000pF, TA = 25
oC unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VCCUV+
VCC supply undervoltage positive going
10.5
11.4
12.4
VCC rising from 0V
threshold
VUVHYS VCC supply undervoltage lockout hysteresis
1.5
1.8
2.2
IQCCUV
UVLO mode quiescent current
50
150
300
VCC < VCCUV-
IQCCFLT Fault-mode quiescent current
75
200
300
SD=5V, CS = 2V or
Tj > TSD
IQCC
Quiescent VCC supply current
2.9
3.8
4.3
RT no connection, CT
connected to COM
ICC50K
VCC supply current, f= 50kHz
4.0
5.5
7.0
RT =36kΩ, RDT =
5.6k
Ω, CT=220pF
Supply Characteristics
µA
mA
VCLAMP
VCC zener clamp voltage
14.5
15.6
16.5
V
ICC = 10mA
V
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VCC - 0.7
VCLAMP
VS
Steady state high side floating supply offset voltage
-3.0
600
VCC
Supply voltage
VCCUV+
VCLAMP
ICC
Supply current
Note 2
10
mA
VDC
VDC lead voltage
0
VCC
V
CT
CT lead capacitance
220
—
pF
RDT
Deadtime resistance
1.0
—
ROC
Over-current (CS+) threshold programming resistance
—
50
IRT
RT lead current (Note 3)
-500
-50
IRPH
RPH lead current (Note 3)
0
450
IRUN
RUN lead current (Note 3)
0
450
ISD
Shutdown lead current
-1
1
ICS
Current sense lead current
-1
1
TJ
Junction temperature
-40
125
oC
VBSMIN
Minimum required VBS voltage for proper HO functionality
—
5
V
V
k
Ω
uA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com