Electronic Components Datasheet Search
  English  ▼

X  

IR21571 Datasheet(PDF) 1 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 1 Page - International Rectifier

  IR21571 Datasheet HTML 1Page - International Rectifier IR21571 Datasheet HTML 2Page - International Rectifier IR21571 Datasheet HTML 3Page - International Rectifier IR21571 Datasheet HTML 4Page - International Rectifier IR21571 Datasheet HTML 5Page - International Rectifier IR21571 Datasheet HTML 6Page - International Rectifier IR21571 Datasheet HTML 7Page - International Rectifier IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• Programmablepreheattime&frequency
• Programmable ignition ramp
• Protection from failure-to-strike
• Lamp filament sensing & protection
• Protection from operation below resonance -
0.2V CS threshold sync’d to falling edge on LO
• Protection from low-line condition
• Automatic restart for lamp exchange
FULLY INTEGRATED BALLAST CONTROL IC
Typical Connection
• Thermal overload protection
• Programmable deadtime
• Integrated 600V level-shifting gate driver
• Internal 15.6V zener clamp diode on VCC
• Micropower startup (150uA)
• Latch immunity protection on all leads
• ESD protection on all leads
Description
The IR21571 is a fully integrated, fully protected 600V ballast control IC designed to
drive virtually all types of rapid start fluorescent lamp ballasts. Externally program-
mable features such as preheat time & frequency, ignition ramp characteristics, and
running mode operating frequency provide a high degree of flexibility for the ballast
design engineer. Comprehensive protection features such as protection from failure of
a lamp to strike, filament failures, low dc bus conditions, thermal overload, or lamp
failure during normal operation, as well as an automatic restart function, have been
included in the design. The heart of this control IC is a variable frequency oscillator
with externally programmable deadtime. Precise control of a 50% duty cycle is accom-
plished using a T-flip-flop. The IR21571 is available in both 16 pin DIP and 16 pin narrow
body SOIC packages.
Packages
16 Lead SOIC
(narrow body)
16 Lead PDIP
+ V
BUS
+ Rectified AC Line
V
BUS return
R
PH
R
RUN
C
START
R
START
R
T
C
T
C
RAMP
C
PH
R
DT
C
BS
D
BOOT
R
Supply
C
VCC
R
CS
L
RES
C
RES
R
GHS
R
GLS
C
BLOCK
C
SNUBBER
R1
R2
C1
R
OC
R4
R3
R5
C2
D1
D2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
CPH
RPH
RT
RUN
CT
DT
OC
LO
COM
VCC
VB
VS
HO
SD
CS
www.irf.com
1
Data Sheet PD No. 60179-I
IR21571(S)


Similar Part No. - IR21571

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
355Kb / 16P
High Power Factor/Low THD
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
More results

Similar Description - IR21571

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
International Rectifier
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
FULLY INTEGRATED BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
Ballast Control IC
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
BALLAST CONTROL IC
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com