Electronic Components Datasheet Search
  English  ▼

X  

IR21571 Datasheet(PDF) 8 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR21571 Datasheet HTML 4Page - International Rectifier IR21571 Datasheet HTML 5Page - International Rectifier IR21571 Datasheet HTML 6Page - International Rectifier IR21571 Datasheet HTML 7Page - International Rectifier IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier IR21571 Datasheet HTML 10Page - International Rectifier IR21571 Datasheet HTML 11Page - International Rectifier IR21571 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IR21571(S)
8
www.irf.com
Supply Bypassing and PC Board
Layout Rules
Component selection and placement on the pc
board is extremely important when using power
control ICs. VCC should be bypassed to COM as close
to the IC terminals as possible with a low ESR/ESL
capacitor, as shown in Figure 1 below.
A rule of thumb for the value of this bypass capacitor
is to keep its minimum value at least 2500 times the
value of the total input capacitance (Ciss) of the
power transistors being driven. This decoupling
capacitor can be split between a higher valued
electrolytic type and a lower valued ceramic type
connected in parallel, although a good quality
electrolytic (e.g., 10
µF) placed immediately adjacent
to the VCC and COM terminals will work well.
In a typical application circuit, the supply voltage to
the IC is normally derived by means of a high value
startup resistor (1/4W) from the rectified line voltage,
in combination with a charge pump from the output
of the half-bridge.
With this type of supply
arrangement, the internal 15.6V zener clamp diode
from VCC to COM will determine the steady state IC
supply voltage.
Connecting the IC Ground (COM)
to the Power Ground
Both the low power control circuitry and low side
gate driver output stage grounds return to this lead
within the IC. The COM lead should be connected to
the bottom terminal of the current sense resistor in
the source of the low side power MOSFET using an
individual pc board trace, as shown in Figure 2. In
addition, the ground return path of the timing
components and VCC decoupling capacitor should
be connected directly to the IC COM lead, and not
via separate traces or jumpers to other ground traces
on the board.
This connection technique prevents high current
ground loops from interfering with the sensitive timing
component operation, and allows the entire control
circuit to reject common-mode noise due to output
switching.
Description of Operation & Component Selection Tips
Figure 1: Supply bypassing PCB layout example
Figure 2: COM lead connection PCB layout example
C
VCC (surface mount)
D
Boot (surface mount)
C
BOOT (surface mount)
C
VCC (through hole)
pin 1
IR21571
C
VCC (surface mount)
C
VCC (through hole)
IR21571 pin 1
timing
components
V
BUS return
R
CS (through hole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com