Electronic Components Datasheet Search
  English  ▼

X  

IR21571 Datasheet(PDF) 11 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR21571 Datasheet HTML 7Page - International Rectifier IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier IR21571 Datasheet HTML 10Page - International Rectifier IR21571 Datasheet HTML 11Page - International Rectifier IR21571 Datasheet HTML 12Page - International Rectifier IR21571 Datasheet HTML 13Page - International Rectifier IR21571 Datasheet HTML 14Page - International Rectifier IR21571 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IR21571(S)
www.irf.com
11
The Preheat Time is programmed by means of the
preheat capacitor, CPH, an internal 1µA current
source, and an internal threshold on the CPH lead of
4.0V, according to the following formula:
At the end of the Preheat Time, the internal, open-
drain transistor holding the RPH lead to ground turns
off, and the voltage on this lead charges exponentially
up to the RT lead potential. During this Ignition Ramp
Mode, the output frequency exponentially decays to
a minimum value. The rate of decay of this frequency
is a function of the RPH * CPH time constant. Because
the Ignition Ramp Mode ends when the voltage on
the CPH lead reaches 5.15V, the Ignition Ramp Mode
is always 1/4th as long as the preheat time.
When the CPH lead reaches 5.15V, an open-drain
transistor on the RUN lead turns on, and the external
RRUN resistor is then in parallel with the RT resistor.
The Run Mode operating frequency is therefore a
function of the parallel combination of RRUN and RT,
and this means that the operating power of the lamp
can be programmed by means of RRUN.
Figure 8: fosc versus effective RT (tDEAD = 2.0 usec)
Figure 9: fosc versus effective RT (tDEAD = 1.0 usec)
The following graphs, Figures 8 and 9, illustrate the
relationship between the effective RT resistance (i.e.,
the parallel combination of resistors which programs
the CT capacitor charging current) and the operating
frequency.
Figure 7: Lamp filament voltage during the
preheat, ignition ramp and run modes.
0
50
100
150
0
5
10
15
20
25
30
35
40
RT (K ohms)
FREQ
(KHz)
CT=220pF,RDT=11K
CT=470pF,RDT=6.2K
CT=1nF,RDT=3K
0
50
100
150
200
250
0
5
10
15
20
25
30
35
40
RT (K ohms)
FREQ
(KHz)
CT=220pF, RDT=5.6K
CT=470pF, RDT=2.7K
CT=1nF, RDT=1.2K
Preheat
Run
Ignition
Ramp
PH
PH
PH
PH
t
9
-
213E
=
C
or
,
C
4.7E6
t
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com