Electronic Components Datasheet Search
  English  ▼

X  

IR21571 Datasheet(PDF) 14 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR21571 Datasheet HTML 9Page - International Rectifier IR21571 Datasheet HTML 10Page - International Rectifier IR21571 Datasheet HTML 11Page - International Rectifier IR21571 Datasheet HTML 12Page - International Rectifier IR21571 Datasheet HTML 13Page - International Rectifier IR21571 Datasheet HTML 14Page - International Rectifier IR21571 Datasheet HTML 15Page - International Rectifier IR21571 Datasheet HTML 16Page - International Rectifier IR21571 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
IR21571(S)
14
www.irf.com
Thus, for a lamp removal and replacement, the ballast
automatically restarts the lamp in the proper manner,
maximizing lamp life and minimizing stress on the
power MOSFETs or IGBTs. The SD lead contains an
internal 7.5V zener diode clamp, thereby reducing
the number of external components required.
Half-Bridge Current Sensing and
Protection
The third lead used for protection is the CS lead,
which is normally connected to a resistor in the source
of the lower power MOSFET, as shown in Figure 14.
The CS lead is used to sense fault conditions such
as failure of a lamp to strike, over-current during
normal operation, hard switching, no load, and
operation below resonance. If any one of these
conditions is sensed, the fault latch is set, the oscillator
is disabled, the gate driver outputs go low, and the
chip is put into the micropower mode. The CS lead
performs its sensing functions on a cycle-by-cycle
basis in order to maximize ballast reliability.
For the over-current, failure-to-strike, and hard
switching
fault
conditions,
an
externally
programmable, positive-going CS+ threshold is
enabled at the end of the preheat time. The level of
this positive-going threshold is determined by the
value of the resistor ROC. The value of the resistor
ROC is determined by the following formula:
For the under-current and under-resonance
conditions, there is a negative-going CS- threshold
of 0.2V which is enabled at the onset of the run mode.
The sensing of this CS- threshold is synchronized
with the falling edge of the LO output.
Figures 15, 16 and 17 are oscillographs of fault
conditions. Figure 15 shows a failure of the lamp to
strike, Figure 16 shows a hard switching condition
and Figure 17 shows an under-current condition.
Figure 14: Half-bridge current sensing circuit
connection (shaded area)
Figure 15: Lamp failure to strike
rectifie
d
AC line
1/
2
Bridge
output
C
VCC
R
SUPPLY
D1
D2
Q2
Q1
C
SNUBBER
V
BUS return
+V
BUS
D
BOOT
C
BOOT
R
CS
R3
R
GLS
R
GHS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
CPH
RPH
RT
RUN
CT
DT
OC
LO
COM
VCC
VB
VS
HO
SD
CS
R
OC
ROC =
or
VCS+
50E - 6
VCS+ =
50E -6 - ROC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com