Electronic Components Datasheet Search
  English  ▼

X  

IR21571 Datasheet(PDF) 6 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR21571 Datasheet HTML 2Page - International Rectifier IR21571 Datasheet HTML 3Page - International Rectifier IR21571 Datasheet HTML 4Page - International Rectifier IR21571 Datasheet HTML 5Page - International Rectifier IR21571 Datasheet HTML 6Page - International Rectifier IR21571 Datasheet HTML 7Page - International Rectifier IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier IR21571 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IR21571(S)
6
www.irf.com
Functional Block Diagram
Pin # Symbol
Description
1
11
10
9
3
8
7
6
5
4
2
16
15
14
13
12
VDC
HO
VB
VS
VCC
COM
LO
CS
SD
DT
CT
RUN
RT
RPH
CPH
DC Bus Sensing Input
Preheat Timing Capacitor
Preheat Frequency Resistor & Ignition Capacitor
Oscillator Timing Resistor
Run Frequency Resistor
Oscillator Timing Capacitor
Deadtime Programming
Shutdown Input
Current Sensing Input
Low-Side Gate Driver Output
IC Power & Signal Ground
Logic & Low-Side Gate Driver Supply
High-Side Gate Driver Floating Supply
High Voltage Floating Return
High-Side Gate Driver Output
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
CPH
RPH
RT
RUN
CT
DT
OC
LO
COM
VCC
VB
VS
HO
SD
CS
OC
Over-current (CS+) Threshold Programming
Lead Assignments & Definitions
OVER-
TEMP
DETECT
LEVEL
SHIFT
PULSE
FILTER &
LATCH
2
4.0V
5.1V
3
5
10V
3.0V
5.1V
1
1.0uA
4
2.0V
I R
T
6
I C
T
= I R
T
7
4.0V
2.0V
CPH
RPH
RT
RUN
CT
DT
VDC
Q
S
R2 Q
R1
Q
T
RQ
16
14
15
VS
HO
VB
13
11
12
COM
LO
VCC
15.6V
9
SD
10
0.2V
CS
Q
S
RQ
QD
R
Q
CLK
Q
S
R
Q
UNDER-
VOLTAGE
DETECT
2.0V
8
OC
50uA
7.6V
7.6V
7.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com