Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 2Page - Micrel Semiconductor MICRF506 Datasheet HTML 3Page - Micrel Semiconductor MICRF506 Datasheet HTML 4Page - Micrel Semiconductor MICRF506 Datasheet HTML 5Page - Micrel Semiconductor MICRF506 Datasheet HTML 6Page - Micrel Semiconductor MICRF506 Datasheet HTML 7Page - Micrel Semiconductor MICRF506 Datasheet HTML 8Page - Micrel Semiconductor MICRF506 Datasheet HTML 9Page - Micrel Semiconductor MICRF506 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Micrel
MICRF506
September 2004
6
M9999-092904
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
RSSI Dynamic Range
50
dB
Pin = -110dBm
0.9
V
RSSI Output Range
Pin = -60dBm
2
V
Digital Inputs/Outputs
V
IH
Logic Input High
0.7V
DD
V
DD
V
V
IL
Logic Input Low
0
0.3V
DD
V
Clock/Data Frequency(5)
10
MHz
Clock/Data Duty Cycle(5)
45
55
%
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com