Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 7Page - Micrel Semiconductor MICRF506 Datasheet HTML 8Page - Micrel Semiconductor MICRF506 Datasheet HTML 9Page - Micrel Semiconductor MICRF506 Datasheet HTML 10Page - Micrel Semiconductor MICRF506 Datasheet HTML 11Page - Micrel Semiconductor MICRF506 Datasheet HTML 12Page - Micrel Semiconductor MICRF506 Datasheet HTML 13Page - Micrel Semiconductor MICRF506 Datasheet HTML 14Page - Micrel Semiconductor MICRF506 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Micrel
MICRF506
September 2004
11
M9999-092904
(408) 955-1690
Writing to n Registers having Non-Incremental
Addresses
Registers with non-incremental addresses can be
written to in one write-sequence as well. Example of
non-incremental addresses: “0,1,3”. However, this
requires more overhead, and the user should
consider the possibility to make a “continuous”
update, for example, by writing to “0,1,2,3” (writing
the present value of “2” into “2”). The simplest
firmware is achieved by always writing to all
registers. Refer to previous sections.
This write-sequence is divided into several sub-
parts:
•
Disable the generation of load-signals by
clearing
bit
“load_en”
(bit0
in
ControlRegister0)
•
Repeat for each group of register having
incremental addresses:
o
Bring CS active
o
Enter first address for this group,
R/W bit and values
o
Bring CS inactive
o
Finally, enable and make a load-
signal by setting “load_en”
Refer to the previous sections for how to write to 1 or
n (with incremental addresses) registers in the
MICRF506.
Reading from the control registers in MICRF506
The “read-sequence” is:
1. Enter address and R/W bit
2. Change direction of IO line
3. Read out a number of octets and change IO
direction back again.
It is possible to read all, 1 or n registers. The
address to read from (or the first address to read
from) can be any valid address (0-22). Reading is
not destructive, i.e. values are not changed. The IO
line is output from the MICRF506 (input to user) for a
part of the read-sequence. Refer to procedure
description below.
A read-sequence is described for reading n
registers, where n is number 1-23.
Reading n registers from MICRF506
CS
SCLK
IO
A6
A5
A0
RW D7
D6
D0
Address of register i
RWData read from reg. i
Simple time
IO Input
IO Output
Figure 3.
In the figure, 1 register is read. The address is A6,
A5, … A0. A6 = msb. The data read out is D7, D6,
…D0. The value of the R/W bit is always “1” for
reading.
SCLK and IO together form a serial interface. SCLK
is applied externally for reading as well as for writing.
•
Bring CS active
•
Enter address to read from (or the first
address to read from) (7 bits) and
•
The R/W bit = 1 to enable reading
•
Make the IO line an input to the user (set pin
in tristate)
•
Read n octets. The first rising edge of SCLK
will set the IO as an output from the
MICRF506. MICRF will change the IO line at
positive edges. The user should read the IO
line at the negative edges.
•
Make the IO line an output from the user
again.
Programming interface timing
Figure 4 and Table 6 shows the timing specification for the
3-wire serial programming interface.
CS
SCLK
IO
A6
A5
A0
RW
D7
D6
D2
D1
D0
Address Register
Data Register
LOAD
Tscl
Twrite
Tread
Thigh
Tlow
Tper
Tcsr
traise
tfall
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com